công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDVG4 bảng dữ liệu(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDVG4
Giải thích chi tiết về linh kiện  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 bảng dữ liệu(HTML) 55 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 51Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 52Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 53Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 54Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 55Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 56Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 57Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 58Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 140 page
background image
3−20
The PCI1520 restarts the PCI clock using the CLKRUN protocol under any of the following conditions:
•
A 16-bit PC Card IREQ or a CardBus CINT has been asserted by either card.
•
A CardBus CBWAKE (CSTSCHG) or 16-bit PC Card STSCHG/RI event occurs in either socket.
•
A CardBus attempts to start the CCLK using CCLKRUN.
•
A CardBus card arbitrates for the CardBus bus using CREQ.
3.8.3
CardBus PC Card Power Management
The PCI1520 implements its own card power-management engine that can turn off the CCLK to a socket when there
is no activity to the CardBus PC Card. The PCI clock-run protocol is followed on the CardBus CCLKRUN interface
to control this clock management.
3.8.4
16-Bit PC Card Power Management
The COE bit (bit 7) of the ExCA power control register (ExCA offset 02h/42h/802h, see Section 5.3) and PWRDWN
bit (bit 0) of the ExCA global control register (ExCA offset 1Eh/5Eh/81Eh, see Section 5.20) bits are provided for 16-bit
PC Card power management. The COE bit places the card interface in a high-impedance state to save power. The
power savings when using this feature are minimal. The COE bit resets the PC Card when used, and the PWRDWN
bit does not. Furthermore, the PWRDWN bit is an automatic COE, that is, the PWRDWN performs the COE function
when there is no card activity.
NOTE: The 16-bit PC Card must implement the proper pullup resistors for the COE and
PWRDWN modes.
3.8.5
Suspend Mode
The SUSPEND signal, provided for backward compatibility, gates the PRST (PCI reset) signal and the GRST (global
reset) signal from the PCI1520. Besides gating PRST and GRST, SUSPEND also gates PCLK inside the PCI1520
in order to minimize power consumption.
Gating PCLK does not create any issues with respect to the power switch interface in the PCI1520. This is because
the PCI1520 does not depend on the PCI clock to clock the power switch interface. There are two methods to clock
the power switch interface in the PCI1520:
•
Use an external clock to the PCI1520 CLOCK terminal
•
Use the internal oscillator
It should also be noted that asynchronous signals, such as card status change interrupts and RI_OUT, can be passed
to the host system without a PCI clock. However, if card status change interrupts are routed over the serial interrupt
stream, then the PCI clock must be restarted in order to pass the interrupt, because neither the internal oscillator nor
an external clock is routed to the serial-interrupt state machine. Figure 3−15 is a signal diagram of the suspend
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com