công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDVG4 bảng dữ liệu(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDVG4
Giải thích chi tiết về linh kiện  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 bảng dữ liệu(HTML) 83 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 79Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 80Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 81Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 82Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 83Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 84Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 85Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 86Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 140 page
background image
4−22
4.32 Card Control Register
The card control register is provided for PCI1130 compatibility. RI_OUT is enabled through this register, and the
enable bit is shared between functions 0 and 1. See Table 4−11 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Card control
Type
RW
RW
RW
R
R
RW
RW
RC
Default
0
0
0
0
0
0
0
0
Register:
Card control
Offset:
91h
Type:
Read-only, Read/Write, Read/Clear
Default:
00h
Table 4−11. Card Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
7†
RIENB
RW
Ring indicate output enable.
0 = Disables any routing of RI_OUT signal (default)
1 = Enables RI_OUT signal for routing to the RI_OUT/PME terminal, when RIMUX is set to 0,
and for routing to MFUNC2 or MFUNC4
6
ZVENABLE
RW
Compatibility ZV mode enable. When set, the corresponding PC Card socket interface ZV terminals enter
a high-impedance state. This bit defaults to 0.
5
PORT_SEL
RW
Port select. This bit controls the priority for the ZVSEL0 and ZVSEL1 signaling if bit 6 (ZVENABLE) is set
in both functions.
0 = Socket 0 takes priority, as signaled through ZVSEL0, when both sockets are in ZV mode.
1 = Socket 1 takes priority, as signaled through ZVSEL1, when both sockets are in ZV mode.
4−3
RSVD
R
Reserved. Bits 4 and 3 return 0 when read.
2
AUD2MUX
RW
CardBus audio-to-IRQMUX. When set, the CAUDIO CardBus signal is routed to the corresponding
multifunction terminal which may be configured for CAUDPWM. When both socket 0 and 1 functions have
AUD2MUX set, socket 0 takes precedence.
1
SPKROUTEN
RW
Speaker out enable. When bit 1 is set, SPKR on the PC Card is enabled and is routed to SPKROUT. The
SPKR signal from socket 0 is XORed with the SPKR signal from socket 1 and sent to SPKROUT. The
SPKROUT terminal drives data only when the SPKROUTEN bit of either function is set. This bit is encoded
as:
0 = SPKR to SPKROUT not enabled
1 = SPKR to SPKROUT enabled
0
IFG
RC
Interrupt flag. Bit 0 is the interrupt flag for 16-bit I/O PC Cards and for CardBus cards. Bit 0 is set when a
functional interrupt is signaled from a PC Card interface and is socket dependent (that is, not global). Write
back a 1 to clear this bit.
0 = No PC Card functional interrupt detected (default).
1 = PC Card functional interrupt detected.
† This bit is global and is accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com