công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDVG4 bảng dữ liệu(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDVG4
Giải thích chi tiết về linh kiện  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 28Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 29Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 30Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 31Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 32Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 33Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 34Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 35Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 140 page
background image
2−19
Table 2−13. CardBus PC Card Interface System Terminals (Slots A and B)
TERMINAL
NUMBER
I/O
DESCRIPTION
NAME
SLOT A†
SLOT B‡
I/O
DESCRIPTION
NAME
PDV
GHK
PDV
GHK
CCLK
115
M14
48
P06
O
CardBus clock. CCLK provides synchronous timing for all transactions on the
CardBus interface. All signals except CRST, CCLKRUN, CINT, CSTSCHG, CAUDIO,
CCD2, CCD1, CVS2, and CVS1 are sampled on the rising edge of CCLK, and all
timing parameters are defined with the rising edge of this signal. CCLK operates at
the PCI bus clock frequency, but it can be stopped in the low state or slowed down
for power savings.
CCLKRUN
142
H15
74
R09
I/O
CardBus clock run. CCLKRUN is used by a CardBus PC Card to request an increase
in the CCLK frequency, and by the PCI1520 to indicate that the CCLK frequency is
going to be decreased.
CRST
126
L15
58
W05
O
CardBus reset. CRST brings CardBus PC Card-specific registers, sequencers, and
signals to a known state. When CRST is asserted, all CardBus PC Card signals are
placed in a high-impedance state, and the PCI1520 drives these signals to a valid
logic level. Assertion can be asynchronous to CCLK, but deassertion must be
synchronous to CCLK.
† Terminal name for slot A is preceded with A_. For example, the full name for terminals 115 and M14 is A_CCLK.
‡ Terminal name for slot B is preceded with B_. For example, the full name for terminals 48 and P06 is B_CCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com