công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDVG4 bảng dữ liệu(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDVG4
Giải thích chi tiết về linh kiện  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 bảng dữ liệu(HTML) 82 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 78Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 79Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 80Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 81Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 82Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 83Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 84Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 85Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 140 page
background image
4−21
4.31 Retry Status Register
The retry status register enables the retry timeout counters and displays the retry expiration status. The flags are set
when the PCI1520 retries a PCI or CardBus master request and the master does not return within 215 PCI clock
cycles. The flags are cleared by writing a 1 to the bit. These bits are expected to be incorporated into the PCI
command, PCI status, and bridge control registers by the PCI SIG. Access this register only through function 0. See
Table 4−10 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Retry status
Type
RW
RW
RC
R
RC
R
RC
R
Default
1
1
0
0
0
0
0
0
Register:
Retry status
Offset:
90h (functions 0, 1)
Type:
Read-only, Read/Write, Read/Clear
Default:
C0h
Table 4−10. Retry Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
7
PCIRETRY
RW
PCI retry timeout counter enable. Bit 7 is encoded:
0 = PCI retry counter disabled
1 = PCI retry counter enabled (default)
6†
CBRETRY
RW
CardBus retry timeout counter enable. Bit 6 is encoded:
0 = CardBus retry counter disabled
1 = CardBus retry counter enabled (default)
5
TEXP_CBB
RC
CardBus target B retry expired. Write a 1 to clear bit 5.
0 = Inactive (default)
1 = Retry has expired
4
RSVD
R
Reserved. Bit 4 returns 0 when read.
3†
TEXP_CBA
RC
CardBus target A retry expired. Write a 1 to clear bit 3.
0 = Inactive (default)
1 = Retry has expired.
2
RSVD
R
Reserved. Bit 2 returns 0 when read.
1
TEXP_PCI
RC
PCI target retry expired. Write a 1 to clear bit 1.
0 = Inactive (default)
1 = Retry has expired.
0
RSVD
R
Reserved. Bit 0 returns 0 when read.
† This bit is global and is accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com