công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDVG4 bảng dữ liệu(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDVG4
Giải thích chi tiết về linh kiện  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 bảng dữ liệu(HTML) 101 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 97Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 98Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 99Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 100Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 101Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 102Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 103Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 104Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 140 page
background image
5−6
5.2
ExCA Interface Status Register
The ExCA interface status register provides information on the current status of the PC Card interface. An X in the
default bit value indicates that the value of the bit after reset depends on the state of the PC Card interface. See
Table 5−3 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
ExCA interface status
Type
R
R
R
R
R
R
R
R
Default
0
0
X
X
X
X
X
X
Register:
ExCA interface status
Offset:
CardBus socket address + 801h; Card A ExCA offset 01h
Card B ExCA offset 41h
Type:
Read-only
Default:
00XX XXXXb
Table 5−3. ExCA Interface Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
7
RSVD
R
Reserved. Bit 7 returns 0 when read.
6
CARDPWR
R
Card Power. Bit 6 indicates the current power status of the PC Card socket. This bit reflects how the ExCA
power control register (ExCA offset 02h/42h/802h, see Section 5.3) is programmed. Bit 6 is encoded as:
0 = VCC and VPP to the socket turned off (default)
1 = VCC and VPP to the socket turned on
5
READY
R
Ready. Bit 5 indicates the current status of the READY signal at the PC Card interface.
0 = PC Card not ready for data transfer
1 = PC Card ready for data transfer
4
CARDWP
R
Card write protect (WP). Bit 4 indicates the current status of WP at the PC Card interface. This signal reports
to the PCI1520 whether or not the memory card is write protected. Furthermore, write protection for an entire
PCI1520 16-bit memory window is available by setting the appropriate bit in the memory window
offset-address high-byte register.
0 = WP is 0. PC Card is read/write.
1 = WP is 1. PC Card is read-only.
3
CDETECT2
R
Card detect 2. Bit 3 indicates the status of CD2 at the PC Card interface. Software may use this and bit 2
(CDETECT1) to determine if a PC Card is fully seated in the socket.
0 = CD2 is 1. No PC Card is inserted.
1 = CD2 is 0. PC Card is at least partially inserted.
2
CDETECT1
R
Card detect 1. Bit 2 indicates the status of CD1 at the PC Card interface. Software may use this and bit 3
(CDETECT2) to determine if a PC Card is fully seated in the socket.
0 = CD1 is 1. No PC Card is inserted.
1 = CD1 is 0. PC Card is at least partially inserted.
1−0
BVDSTAT
R
Battery voltage detect. When a 16-bit memory card is inserted, the field indicates the status of the battery
voltage detect signals (BVD1, BVD2) at the PC Card interface, where bit 1 reflects the BVD2 status and bit 0
reflects BVD1.
00 = Battery dead
01 = Battery dead
10 = Battery low; warning
11 = Battery good
When a 16-bit I/O card is inserted, this field indicates the status of SPKR (bit 1) and STSCHG (bit 0) at the
PC Card interface. In this case, the two bits in this field directly reflect the current state of these card outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com