| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X11SSL bảng dữ liệu(PDF) 64 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL bảng dữ liệu(HTML) 64 Page - List of Unclassifed Manufacturers |
|
64 / 124 page ![]() 64 X11SSM(-F)/X11SSL(-F) User Manual CPU VGA LAN2 LAN1 LE1 COM1 USB6/7 (3.0) USB0/1 IPMI_LAN JUIDB1 MAC CODE JPL1 LED BMC JPL2 FAN1 FAN2 FAN3 FANA LED PWR USB10(3.0) JF1 I-SATA2 I-SATA7 JBT1 JL1 USB2/3 X11SSM(-F)/X11SSL(-F) REV:1.01 Designed in the USA BMC SP1 Intel PCH BT1 BMC Heartbeat LED A BMC Heartbeat LED is located at LEDBMC on the motherboard. When LEDBMC is blinking, the BMC is functioning normally. Refer to the table below for more information. BMC Heartbeat LED Indicator LED Color Definition Green: Blinking BMC: Normal 1. BMC Heartbeat LED 1 |