công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X11SSL bảng dữ liệu(PDF) 58 Page - List of Unclassifed Manufacturers

tên linh kiện X11SSL
Giải thích chi tiết về linh kiện  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL bảng dữ liệu(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 54Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 55Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 56Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 57Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 58Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 59Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 60Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 61Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 124 page
background image
58
X11SSM(-F)/X11SSL(-F) User Manual
CPU
VGA
LAN2
LAN1
LE1
COM1
USB6/7
(3.0)
USB0/1
IPMI_LAN
JUIDB1
MAC CODE
JPL1
LED BMC
JPL2
FAN1
FAN2
FAN3
FANA
LED PWR
USB10(3.0)
JF1
I-SATA2
I-SATA7
JBT1
JL1
USB2/3
X11SSM(-F)/X11SSL(-F)
REV:1.01
Designed in the USA
BMC
SP1
Intel PCH
BT1
1
1. CMOS Clear
2. LAN1 Port Enable/
Disable
3. LAN2 Port Enable/
Disable
2
LAN Port Enable/Disable
Jumpers JPL1/JPL2 enable or disable LAN ports 1/2 on the motherboard. Refer to the table
below for jumper settings. The default setting is Enabled.
LAN1-LAN4 Enable/Disable
Jumper Settings
Jumper Setting
Definition
Pins 1-2
Enabled
Pins 2-3
Disabled
CMOS Clear
JBT1 is used to clear the CMOS. Instead of pins, this "jumper" consists of contact pads to
prevent accidental clearing of the CMOS. To clear the CMOS, use a metal object such as a
small screwdriver to touch both pads at the same time to short the connection.
Note: Be sure to completely shut down the system, and then short JBT1 to clear the
CMOS.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More