công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X11SSL bảng dữ liệu(PDF) 90 Page - List of Unclassifed Manufacturers

tên linh kiện X11SSL
Giải thích chi tiết về linh kiện  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL bảng dữ liệu(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 86Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 87Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 88Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 89Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 90Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 91Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 92Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 93Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
X11SSM(-F)/X11SSL(-F) User Manual
90
Super IO Configuration
The following Super IO information will display:
• AMI SIO Driver Version
Super IO Chip Logical Device(s) Configuration
Serial Port 1
Serial Port 1 Configuration
This submenu allows the user the configure settings of Serial Port 1.
Serial Port 1
Select Enabled to enable the selected onboard serial port. The options are
Enabled and
Disabled.
Logical Device Settings
This item displays the status of a serial part specified by the user.
Serial Port 1 Change Settings
This feature specifies the base I/O port address and the Interrupt Request address of a
serial port specified by the user. Select Auto to allow the BIOS to automatically assign the
base I/O and IRQ address.
The options for Serial Port 1 are
Use Automatic Settings, (IO=3F8h; IRQ=4; DMA),
(IO=3F8h; IRQ=3, 4, 5, 6, 7, 9, 10, 11, 12; DMA), (IO=2F8h; IRQ=3, 4, 5, 6, 7, 9, 10, 11, 12;
DMA), (IO=3E8h; IRQ=3, 4, 5, 6, 7, 9, 10, 11, 12; DMA), and (IO=2E8h; IRQ=3, 4, 5, 6, 7,
9, 10, 11, 12; DMA).
Serial Port 2
Serial Port 2 Configuration
This submenu allows the user the configure settings of Serial Port 1.
Serial Port 2
Select Enabled to enable the selected onboard serial port. The options are
Enabled and
Disabled.
Logical Device Settings
This item displays the status of a serial part specified by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More