| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X11SSL bảng dữ liệu(PDF) 91 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL bảng dữ liệu(HTML) 91 Page - List of Unclassifed Manufacturers |
|
91 / 124 page ![]() Chapter 4: BIOS 91 Serial Port 2 Change Settings This feature specifies the base I/O port address and the Interrupt Request address of a serial port specified by the user. Select Auto to allow the BIOS to automatically assign the base I/O and IRQ address. The options for Serial Port 2 are Use Automatic Settings, (IO=2F8h; IRQ=3; DMA), (IO=3F8h; IRQ=3, 4, 5, 6, 7, 9, 10, 11, 12; DMA), (IO=2F8h; IRQ=3, 4, 5, 6, 7, 9, 10, 11, 12; DMA), (IO=3E8h; IRQ=3, 4, 5, 6, 7, 9, 10, 11, 12; DMA), and (IO=2E8h; IRQ=3, 4, 5, 6, 7, 9, 10, 11, 12; DMA). Serial Port 2 Attribute (Available for Serial Port 2 only) Select SOL to use COM Port 2 as a Serial_Over_LAN (SOL) port for console redirection. The options are SOL and COM. Intel Server Platform Services The following Intel Server Platform Services information will display: • ME BIOS Interface Version • SPS Version • ME FW Status Value • ME FW State • ME FW Operation State • ME FW Error Code • ME NM FW Status Value • BIOS Booting Mode • Cores Disabled • ME FW SKU Information • End-of-Post Status Serial Port Console Redirection COM1 Console Redirection Select Enabled to enable console redirection support for a serial port specified by the user. The options are Enabled and Disabled. *If the item above set to Enabled, the following items will become available for user's configuration: |