| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X11SSL bảng dữ liệu(PDF) 60 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL bảng dữ liệu(HTML) 60 Page - List of Unclassifed Manufacturers |
|
60 / 124 page ![]() 60 X11SSM(-F)/X11SSL(-F) User Manual CPU VGA LAN2 LAN1 LE1 COM1 USB6/7 (3.0) USB0/1 IPMI_LAN JUIDB1 MAC CODE JPL1 LED BMC JPL2 FAN1 FAN2 FAN3 FANA LED PWR USB10(3.0) JF1 I-SATA2 I-SATA7 JBT1 JL1 USB2/3 X11SSM(-F)/X11SSL(-F) REV:1.01 Designed in the USA BMC SP1 Intel PCH BT1 1 1. VGA Enable 2. BIOS Recovery 2 BIOS Recovery Use jumper JBR1 to recover the BIOS settings on the motherboard. Refer to the table below for jumper settings. The default setting is Normal. BIOS Recovery Jumper Settings Jumper Setting Definition Pins 1-2 Normal Pins 2-3 BIOS Recovery VGA Enable/Disable Jumper JPG1 allows the user to enable the onboard VGA connector. The default setting is pins 1-2 to enable the connection. Refer to the table below for jumper settings.The default setting is Enabled. VGA Enable/Disable Jumper Settings Jumper Setting Definition Pins 1-2 Enabled Pins 2-3 Disabled |