| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X11SSL bảng dữ liệu(PDF) 52 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL bảng dữ liệu(HTML) 52 Page - List of Unclassifed Manufacturers |
|
52 / 124 page ![]() 52 X11SSM(-F)/X11SSL(-F) User Manual CPU VGA LAN2 LAN1 LE1 COM1 USB6/7 (3.0) USB0/1 IPMI_LAN JUIDB1 MAC CODE JPL1 LED BMC JPL2 FAN1 FAN2 FAN3 FANA LED PWR USB10(3.0) JF1 I-SATA2 I-SATA7 JBT1 JL1 USB2/3 X11SSM(-F)/X11SSL(-F) REV:1.01 Designed in the USA BMC SP1 Intel PCH BT1 1 2 1. I-SGPIO 1 2. I-SGPIO 2 SGPIO Headers Two I-SGPIO (Serial Link General Purpose Input/Output) headers are located on the motherboard. They support the onboard I-SATA 3.0 ports. Refer to the table below for pin definitions. SGPIO Header Pin Definitions Pin# Definition Pin# Definition 1 NC 2 NC 3 GND 4 Data 5 Load 6 GND 7 Clock 8 NC NC = No Connection I-SGPIO 1/2 I-SGPIO1 I-SATA 3.0 Ports 0-3 I-SGPIO2 I-SATA 3.0 Ports 4-7 |