công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PMS232 bảng dữ liệu(PDF) 31 Page - PADAUK Technology.

tên linh kiện PMS232
Giải thích chi tiết về linh kiện  12-bit ADC Enhanced
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PADAUK [PADAUK Technology.]
Trang chủ  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS232 bảng dữ liệu(HTML) 31 Page - PADAUK Technology.

Back Button PMS232 Datasheet HTML 27Page - PADAUK Technology. PMS232 Datasheet HTML 28Page - PADAUK Technology. PMS232 Datasheet HTML 29Page - PADAUK Technology. PMS232 Datasheet HTML 30Page - PADAUK Technology. PMS232 Datasheet HTML 31Page - PADAUK Technology. PMS232 Datasheet HTML 32Page - PADAUK Technology. PMS232 Datasheet HTML 33Page - PADAUK Technology. PMS232 Datasheet HTML 34Page - PADAUK Technology. PMS232 Datasheet HTML 35Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
PMC232/PMS232 Series
12-bit ADC Enhanced FPPA
TM
8-bit OTP Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 31 of 94
PDK-DS-PMx232_V104– Dec. 18, 2018
5-2. Program Memory - OTP
5-2-1. Program Memory Assignment
The OTP (One Time Programmable) program memory is used to store the program instructions to be
executed. All program codes for each FPP unit are stored in this OTP memory for both FPP0 and FPP1. The
OTP program memory may contains the data, tables and interrupt entry. After reset, the initial address for
FPP0 is ‘h0 and ‘h1 for FPP1. The interrupt entry is ‘h10 if used and interrupt function is for FPP0 only, the
last eight addresses are reserved for system using, like checksum, serial number, etc. The OTP program
memory for PMC232/PMS232 is a 2kx16 bit that is partitioned as Table 1. The OTP memory from address
‘h7F8 to ‘h7FF is for system using, address space from ‘h002 to ‘h00F and from ‘h011 to ‘h7F7 are user
program space. The address ‘h001 is the FPP1 initial address for two FPP units mode and user program for
single FPP unit mode.
Address
Function
0x000
FPP0 reset – goto instruction
0x001
FPP1 reset – goto instruction
0x002
User program
•
•
0x00F
User program
0x010
Interrupt entry address
0x011
User program
•
•
0x7F7
User program
0x7F8
System Using
•
•
0x7FF
System Using
Table 1: Program Memory Organization of PMC232/PMS232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com