| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PMS232 bảng dữ liệu(PDF) 65 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PMS232 bảng dữ liệu(HTML) 65 Page - PADAUK Technology. |
|
65 / 94 page ![]() PMC232/PMS232 Series 12-bit ADC Enhanced FPPA TM 8-bit OTP Controller ©Copyright 2018, PADAUK Technology Co. Ltd Page 65 of 94 PDK-DS-PMx232_V104– Dec. 18, 2018 6-15. Port A Control Register (pac), IO address = 0x11 Bit Reset R/W Description 7 - 0 0x00 R/W Port A control registers. This register is used to define input mode or output mode for each corresponding pin of port A. 0 / 1: input / output Please note that PA5 can be INPUT or OUTPUT LOW ONLY, the output state will be tri-state when PA5 is programmed into output mode with data 1. 6-16. Port A Pull-up Register (paph), IO address = 0x12 Bit Reset R/W Description 7 - 0 0x00 R/W Port A pull-up register. This register is used to enable the internal pull-up device on each corresponding pin of port A and this pull high function is active only for input mode. 0 / 1 : disable / enable Please note that PA5 does NOT have pull-up resistor. 6-17. Port B Data Register (pb), IO address = 0x14 Bit Reset R/W Description 7 - 0 0x00 R/W Data register for Port B. 6-18. Port B Control Register (pbc), IO address = 0x15 Bit Reset R/W Description 7 - 0 0x00 R/W Port B control register. This register is used to define input mode or output mode for each corresponding pin of port B. 0 / 1: input / output 6-19. Port B Pull-up Register (pbph), IO address = 0x16 Bit Reset R/W Description 7 - 0 0x00 R/W Port B pull-up register. This register is used to enable the internal pull-up device on each corresponding pin of port B. 0 / 1 : disable / enable 6-20. Port C Data Register (pc), IO address = 0x17 Bit Reset R/W Description 7 - 0 0x00 R/W Bit [7:0] of data register for Port C. 6-21. Port C Control Register (pcc), IO address = 0x18 Bit Reset R/W Description 7 - 0 0x00 R/W Bit [7:0] of port C control register. This register is used to define input mode or output mode for each corresponding pin. 0 / 1: input / output 6-22. Port C Pull-up Register (pcph), IO address = 0x19 Bit Reset R/W Description 7 - 0 0x00 R/W Bit [7:0] of Port C pull-up register. This register is used to enable the internal pull-up device on each corresponding pin. 0 / 1 : disable / enable |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |