công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PMS232 bảng dữ liệu(PDF) 28 Page - PADAUK Technology.

tên linh kiện PMS232
Giải thích chi tiết về linh kiện  12-bit ADC Enhanced
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PADAUK [PADAUK Technology.]
Trang chủ  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS232 bảng dữ liệu(HTML) 28 Page - PADAUK Technology.

Back Button PMS232 Datasheet HTML 24Page - PADAUK Technology. PMS232 Datasheet HTML 25Page - PADAUK Technology. PMS232 Datasheet HTML 26Page - PADAUK Technology. PMS232 Datasheet HTML 27Page - PADAUK Technology. PMS232 Datasheet HTML 28Page - PADAUK Technology. PMS232 Datasheet HTML 29Page - PADAUK Technology. PMS232 Datasheet HTML 30Page - PADAUK Technology. PMS232 Datasheet HTML 31Page - PADAUK Technology. PMS232 Datasheet HTML 32Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
PMC232/PMS232 Series
12-bit ADC Enhanced FPPA
TM
8-bit OTP Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 28 of 94
PDK-DS-PMx232_V104– Dec. 18, 2018
5. Functional Description
5-1. Processing Units
There are two processing units (FPP unit) inside the chip of PMC232/PMS232. In each processing unit, it
includes (i) its own Program Counter to control the program execution sequence (ii) its own Stack Pointer to
store or restore the program counter for program execution (iii) its own accumulator (iv) Status Flag to record
the status of program execution. Each FPP unit has its own program counter and accumulator for program
execution, flag register to record the status, and stack pointer for jump operation. Based on such architecture,
FPP unit can execute its own program independently, thus parallel processing can be expected.
These two FPP units share the same 2k×16 bits OTP program memory, 160 bytes data SRAM and all the IO
ports, these two FPP units are operated at mutual exclusive clock cycles to avoid interference. One task switch
is built inside the chip to decide which FPP unit should be active for the corresponding cycle. The hardware
diagram and basic timing diagram of FPP units are illustrated in Fig. 1. For FPP0 unit, its program will be
executed in sequence every other system clock, shown as (M-1)th, Mth and (M+1)th instructions. For FPP1 unit,
its program will be also executed in sequence every other system clock, shown as (N-1)th, Nth and (N+1)th
instructions.
Fig.1: Hardware and Timing Diagram of FPP unit
Each FPP unit has half computing power of whole system; for example, FPP0 and FPP1will be operated at
4MHz if system clock is 8MHz. The FPP unit can be enabled or disabled by programming the FPP unit Enable
Register, only FPP0 is enabled after power-on reset. The system initialization will be started from FPP0 and
FPP1 unit can be enabled by user’s program if necessary. Both FPP0 and FPP1 can be enabled or disabled by
using any one FPP unit.
Program Counter 0
Stack Pointer 0
Accumulator 0
Flag register 0
FPP0
Program Counter 1
Stack Pointer 1
Accumulator 1
Flag register 1
FPP1
2KW OTP
Program
Memory
160 bytes
SRAM
IO Port
Task Switch
System Clock
Time
FPP0 active
FPP1 active
Mth
(M+1)th
(M-1)th
Nth
(N+1)th
(N-1)th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com