công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE9461ES bảng dữ liệu(PDF) 15 Page - Infineon Technologies AG

tên linh kiện TLE9461ES
Giải thích chi tiết về linh kiện  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES bảng dữ liệu(HTML) 15 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 11Page - Infineon Technologies AG TLE9461ES Datasheet HTML 12Page - Infineon Technologies AG TLE9461ES Datasheet HTML 13Page - Infineon Technologies AG TLE9461ES Datasheet HTML 14Page - Infineon Technologies AG TLE9461ES Datasheet HTML 15Page - Infineon Technologies AG TLE9461ES Datasheet HTML 16Page - Infineon Technologies AG TLE9461ES Datasheet HTML 17Page - Infineon Technologies AG TLE9461ES Datasheet HTML 18Page - Infineon Technologies AG TLE9461ES Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 140 page
background image
Datasheet
15
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
General Product Characteristics
Feature Incremental Current Consumption
Current consumption for
CAN module, recessive state
ICAN,rec
–2
3
mA
2)SBC Normal/Stop
Mode; CAN Normal
Mode; VCC2
connected to VCAN;
VTXDCAN = VCC2; no
RL on CAN
P_4.4.8
Current consumption for
CAN module, dominant
state
ICAN,dom
–3
5
mA
2)SBC Normal/Stop
Mode; CAN Normal
Mode; VCC1
connected to VCAN;
VTXDCAN = GND;
no RL on CAN
P_4.4.9
Current consumption for
CAN module, Receive Only
Mode
ICAN,RcvOnly –0.9
1.2
mA
2)SBC Normal/Stop
Mode; CAN Receive
Only Mode; VCC1
connected to VCAN;
VTXDCAN = VCC1; no
RL on CAN
P_4.4.10
Current consumption for
WK, GPIO wake capability
(all wake inputs)
IWake,WK,25
–0.2
2
µA
3)4)5) SBC Sleep Mode;
WK wake capable;
no activity on WK pin;
CAN = Off; VCC2 = Off
P_4.4.13
Current consumption for
WK, GPIO wake capability
(all wake inputs)
IWake,WK,85
–0.5
3
µA
2)3)4)5)SBC Sleep Mode;
Tj = 85°C;
WK wake capable;
no activity on WK pin;
CAN = Off; VCC2 = Off
P_4.4.14
Current consumption for
CAN wake capability
IWake,CAN,25 –4.5
6
µA
3)SBC Sleep Mode;
CAN Wake Capable;
WK = Off; VCC2 = Off;
P_4.4.15
Current consumption for
CAN wake capability
IWake,CAN,85 –5.5
7
µA
2)3)SBC Sleep Mode; Tj
= 85°C;
CAN Wake Capable;
WK = Off; VCC2 = Off;
P_4.4.16
VCC2 Normal Mode current
consumption
INormal,VCC2 –2.5
3.5
mA
VS = 5.5 V to 28 V;
Tj = -40 °C to +150 °C;
VCC2 = On (no load)
P_4.4.17
Current consumption for
VCC2 in SBC Sleep Mode
ISleep,VCC2,25 –25
35
µA
1)3)SBC Sleep Mode;
VCC2 = On (no load);
CAN, WK = Off
P_4.4.18
Table 4
Current Consumption (cont’d)
Current consumption values are specified at Tj = 25°C, VS = 13.5 V, all outputs open (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com