công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE9461ES bảng dữ liệu(PDF) 48 Page - Infineon Technologies AG

tên linh kiện TLE9461ES
Giải thích chi tiết về linh kiện  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES bảng dữ liệu(HTML) 48 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 44Page - Infineon Technologies AG TLE9461ES Datasheet HTML 45Page - Infineon Technologies AG TLE9461ES Datasheet HTML 46Page - Infineon Technologies AG TLE9461ES Datasheet HTML 47Page - Infineon Technologies AG TLE9461ES Datasheet HTML 48Page - Infineon Technologies AG TLE9461ES Datasheet HTML 49Page - Infineon Technologies AG TLE9461ES Datasheet HTML 50Page - Infineon Technologies AG TLE9461ES Datasheet HTML 51Page - Infineon Technologies AG TLE9461ES Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Voltage Regulator 2
Datasheet
48
Rev.1.1
2019-09-27
7
Voltage Regulator 2
7.1
Block Description
Figure 15 Module Block Diagram
Functional Features
• 5 V low drop-out linear voltage regulator
• Protected against short to battery voltage, e.g. for off-board sensor supply
• Can also be used for CAN supply
• VCC2 undervoltage monitoring. Please refer to Chapter 12.7 for more information
• Can be active in SBC Normal, SBC Stop, and SBC Sleep Mode (not SBC Fail-Safe Mode)
• VCC2 switches Off after entering SBC Restart Mode. Switch Off is latched, LDO must be enabled via SPI after
shutdown.
• Overtemperature protection
• ≥ 470nF ceramic capacitor at output voltage for stability, with ESR < 1Ω @ f = 10 kHz, to achieve the voltage
regulator control loop stability based on the safe phase margin (bode diagram).
• Output current capability up to IVCC2,lim.
GND
Overtemperature
Shutdown
1
Bandgap
Reference
VS
State
Machine
VCC2
INH
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com