công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

845GL bảng dữ liệu(PDF) 160 Page - Intel Corporation

tên linh kiện 845GL
Giải thích chi tiết về linh kiện  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

845GL bảng dữ liệu(HTML) 160 Page - Intel Corporation

Back Button 845GL Datasheet HTML 156Page - Intel Corporation 845GL Datasheet HTML 157Page - Intel Corporation 845GL Datasheet HTML 158Page - Intel Corporation 845GL Datasheet HTML 159Page - Intel Corporation 845GL Datasheet HTML 160Page - Intel Corporation 845GL Datasheet HTML 161Page - Intel Corporation 845GL Datasheet HTML 162Page - Intel Corporation 845GL Datasheet HTML 163Page - Intel Corporation 845GL Datasheet HTML 164Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 193 page
background image
Ballout and Package Information
160
Intel® 82845G/82845GL/82845GV GMCH Datasheet
L2
AGP_RCOMP
L3
VSS
L4
GAD_22
L5
GAD_21
L7
GADSTB_1#
L9
VCCAGP
L29
VSS
L31
HDSTB_P0#
L33
HD_5#
L34
HD_13#
L35
VSS
L36
HD_6#
L37
VTT_DECAP
M2
GC/BE_2#
M3
GAD_20
M4
GFRAME#
M6
VSS
M8
GADSTB_1
M10
VSS
M28
VTTFSB
M30
HD_11#
M32
VSS
M34
BPRI#
M35
HD_12#
M36
HITM#
N1
VSS
N2
GDEVSEL#
N3
VSS
N4
GC/BE_1#
N5
GTRDY#
N7
GIRDY#
N9
VSS
N29
VSS
N31
HDSTB_N0#
N33
DINV_0#
N34
HD_3#
N35
VSS
N36
DEFER#
N37
VSS
P2
GSTOP#
P3
GAD_15
P4
GPAR
P6
VCCAGP
Table 7-1. Intel® 82845G
GMCH Ballout by Ball
Number
Ball #
Signal Name
P8
GAD_16
P10
VCCAGP
P28
VSS
P30
HCC_VREF
P32
VSS
P34
RS_2#
P35
HD_7#
P36
HIT#
R1
VCCAGP
R2
GAD_11
R3
VSS
R4
GC/BE_0#
R5
GAD_12
R7
GAD_13
R9
VCCAGP
R29
VSS
R31
HD_4#
R33
HD_1#
R34
HD_2#
R35
VSS
R36
RS_0#
R37
VTT_DECAP
T2
GAD_8
T3
GAD_9
T4
GAD_10
T6
VSS
T8
GAD_14
T10
VSS
T28
VTTFSB
T30
HD_0#
T32
VSS
T34
BNR#
T35
HLOCK#
T36
ADS#
U1
VSS
U2
GAD_6
U3
VSS
U4
GAD_5
U5
GAD_4
U7
GADSTB_0#
U9
VSS
U17
VCC
U18
VSS
Table 7-1. Intel® 82845G
GMCH Ballout by Ball
Number
Ball #
Signal Name
U19
VCC
U20
VSS
U21
VCC
U29
VSS
U31
DBSY#
U33
BREQ0#
U34
RS_1#
U35
VSS
U36
DRDY#
U37
VSS
V2
GAD_1
V3
GAD_7
V4
GAD_0
V6
VCCAGP
V8
GADSTB_0
V10
VCCAGP
V17
VSS
V18
VSS
V19
VCC
V20
VSS
V21
VSS
V28
VSS
V30
HTRDY#
V32
VSS
V34
HA_6#
V35
HY_RCOMP
V36
HREQ_0#
W2
AGP_VREF
W3
VSS
W4
GAD_2
W5
GAD_3
W7
RSVD
W9
VCCAGP
W17
VCC
W18
VCC
W19
VCC
W20
VCC
W21
VCC
W29
VSS
W31
HA_3#
W33
HREQ_2#
W34
VSS
W35
HREQ_4#
Table 7-1. Intel® 82845G
GMCH Ballout by Ball
Number
Ball #
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More