công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA9061 bảng dữ liệu(PDF) 42 Page - Dialog Semiconductor

tên linh kiện DA9061
Giải thích chi tiết về linh kiện  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 bảng dữ liệu(HTML) 42 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 38Page - Dialog Semiconductor DA9061 Datasheet HTML 39Page - Dialog Semiconductor DA9061 Datasheet HTML 40Page - Dialog Semiconductor DA9061 Datasheet HTML 41Page - Dialog Semiconductor DA9061 Datasheet HTML 42Page - Dialog Semiconductor DA9061 Datasheet HTML 43Page - Dialog Semiconductor DA9061 Datasheet HTML 44Page - Dialog Semiconductor DA9061 Datasheet HTML 45Page - Dialog Semiconductor DA9061 Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
42 of 82
© 2016 Dialog Semiconductor
Sub-sequences
6.9.1
As illustrated in Figure 18, the sequencer is partitioned into three sub-sequences. These three sub-
sequences can be used to define three power modes for the target application and to move between
them in a controlled sequence as a response to control signals or register writes.
The first sub-sequence starts from step 0 and ends at a step defined by the SYSTEM_END pointer.
After the power-up is triggered, DA9061 performs a partial OTP read (OTP_RD2) if OTPREAD_EN is
set. It then waits for SYSTEM_EN to trigger the first sub-sequence. If SYSTEM_EN is already set in
the OTP the first sub-sequence starts automatically after the power-up trigger. Alternatively,
SYSTEM_EN can be asserted through the SYS_EN input. When the sequencer reaches the
SYSTEM_END step the first sub-sequence is completed and the sequencer starts waiting for
POWER_EN to trigger the second sub-sequence. If POWER_EN is already set in the OTP, the
sequencer does not stop after the first sub-sequence. Alternatively, POWER_EN can be asserted
through the PWR_EN input or via a register access.
The second sub-sequence starts from the step following SYSTEM_END and stops at a step defined
by the POWER_END pointer. When the sequencer reaches the POWER_END step (and the
watchdog is active), DA9061 enters ACTIVE mode. The final sub-sequence is triggered by asserting
POWER1_EN via a register write. The third sub-sequence starts from the step following
POWER_END and stops at a step defined by the MAX_COUNT pointer. If MAX_COUNT points to an
earlier step than SYSTEM_END or POWER_END the remaining steps of the sequencer are
disabled.
The power-down sequences are executed in reverse order to the power-up sequences. If the power-
down sequence is triggered from the ACTIVE mode by de-asserting POWER_EN, the sequencer
stops after reversing to the SYSTEM_END step. However, if the power-down sequence is triggered
by de-asserting SYSTEM_EN, the sequencer does not stop and reverses back to step 0.
Furthermore, if the power-down sequence is triggered by a watchdog timeout, the sequencer
reverses to step 0 immediately.
A partial power-down can be achieved by setting STANDBY. This makes the sequencer stop at the
step pointed to by the PART_DOWN pointer. The next power-up will then start from the
PART_DOWN step, instead of step 0. The PART_DOWN pointer has to point to a step smaller than
the SYSTEM_END pointer.
Regulator control
6.9.2
Each of DA9061
’s buck converters and LDOs can be assigned to any of the sequencer steps. In
general, when the sequencer reaches a step to which a regulator is assigned, that regulator is
enabled by the sequencer. Likewise, when the sequencer reaches the same step on the way down,
the regulator is disabled. Multiple supplies can point to the same counter step, however, enabling
multiple regulators in the same slot can lead to increased in-rush currents.
In the simplest scheme, the sequencer enables regulators during a power-up, and disables them
during a power-down. This functionality is achieved by setting BUCK<x>_AUTO/LDO<x>_AUTO and
clearing BUCK<x>_CONF/LDO<x>_CONF. Alternatively, the sequencer can be configured to keep
the regulator enabled, but switch between the A and B settings in ACTIVE and POWERDOWN
modes. The functionality of the BUCK<x>_AUTO/LDO<x>_AUTO and
BUCK<x>_CONF/LDO<x>_CONF controls is summarised in Table 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com