công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA9061 bảng dữ liệu(PDF) 35 Page - Dialog Semiconductor

tên linh kiện DA9061
Giải thích chi tiết về linh kiện  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 bảng dữ liệu(HTML) 35 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 31Page - Dialog Semiconductor DA9061 Datasheet HTML 32Page - Dialog Semiconductor DA9061 Datasheet HTML 33Page - Dialog Semiconductor DA9061 Datasheet HTML 34Page - Dialog Semiconductor DA9061 Datasheet HTML 35Page - Dialog Semiconductor DA9061 Datasheet HTML 36Page - Dialog Semiconductor DA9061 Datasheet HTML 37Page - Dialog Semiconductor DA9061 Datasheet HTML 38Page - Dialog Semiconductor DA9061 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
35 of 82
© 2016 Dialog Semiconductor
Switching regulators
6.7
DA9061 includes four step-down switching regulators operating at 3 MHz. All switching regulators
employ a synchronous topology with an internal NFET, thus eliminating the need for an external
Schottky diode. The output voltage can be set in 10 mV steps (20 mV steps for Buck2) and the
regulation accuracy is ±3 % over the whole operating temperature range. Static line and load
regulation are also considered in this accuracy.
The switching frequency (3 MHz) is high enough to warrant the use of a small 1.0 µH inductor. The
programming of the converter current limit depends on the coil parameters, as illustrated in Table 21.
Table 21: Buck current limit
Min. ISAT (mA)
Frequency (MHz)
Buck current limit (mA)
1750
3
1500
1460
3
1200
1180
3
950
940
3
750
Control
6.7.1
The buck can be enabled manually by writing directly to a control register, with an external signal
connected to GPI, see Section 6.3.1.1, or by assigning it to a power sequencer step, see
Section 6.9.2. Each buck converter features two voltage control registers
(VBUCK<x>_A/VBUCK<x>_B) which can be programmed with two different voltages. The active
setting can then be selected via a control bit (VBUCK<x>_SEL), via a GPI, see Section 6.3.1.1, or
automatically based on the power mode of DA9061.
Output voltage slewing
6.7.2
To limit in-rush current from the input supply, the buck converters can achieve a new output voltage
with controlled ramping. Ramping is achieved by stepping through all the VBUCK values between the
old and new settings, at a rate defined by SLEW_RATE. The actual output slew rate, in mV/µs, for a
particular buck converter is then defined by the minimum voltage step of that buck and the common
step time programmed in SLEW_RATE. During PFM mode, the negative slew rate is load dependent
and might be lower than the one mentioned above. An event E_DVC_RDY is triggered when all buck
converters have reached their target voltage.
Soft-start
6.7.3
The buck converter supports two options for starting up. The normal startup option ramps up the
power rail as fast as possible, typically within 1 ms. This implies a high in-rush current. The slow
startup is selected by setting BUCK_SLOWSTART, which increases the startup time and limits the
input current.
Active discharge
6.7.4
When switching off a buck converter the output rail can be actively discharged. This feature is
enabled by setting BUCK_ACTV_DISCHRG. The discharge is implemented by ramping down the
output voltage using DVC.
Peak current limit
6.7.5
All buck converters feature a programmable current limit (BUCK<x>_ILIM). The current limit protects
the inductor and the pass devices from excessive current. If the current limit is exceeded, the buck
continues to run normally but the duty cycle is limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com