công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA9061 bảng dữ liệu(PDF) 41 Page - Dialog Semiconductor

tên linh kiện DA9061
Giải thích chi tiết về linh kiện  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 bảng dữ liệu(HTML) 41 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 37Page - Dialog Semiconductor DA9061 Datasheet HTML 38Page - Dialog Semiconductor DA9061 Datasheet HTML 39Page - Dialog Semiconductor DA9061 Datasheet HTML 40Page - Dialog Semiconductor DA9061 Datasheet HTML 41Page - Dialog Semiconductor DA9061 Datasheet HTML 42Page - Dialog Semiconductor DA9061 Datasheet HTML 43Page - Dialog Semiconductor DA9061 Datasheet HTML 44Page - Dialog Semiconductor DA9061 Datasheet HTML 45Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
41 of 82
© 2016 Dialog Semiconductor
Power supply sequencer
6.9
DA9061 features a programmable power sequencer that handles the system power-up, power-down,
and shutdown sequences. The sequencer has a step-up counter, a timer that controls the step
period, and a set of comparators that trigger power-on/off events at specific steps of the counter. The
structure of the sequencer is depicted in Figure 18.
The sequencer is composed of 16 steps, and the step time can be programmed between 32 µs and
8.192 ms. The sequencer will step until it reaches a programmable maximum value (MAX_COUNT),
whereupon an interrupt is issued. At each step, the sequencer will enable all the functions that are
pointing to that particular step.
The power-up and -down sequences cannot be configured separately. When DA9061 is powering
down, the sequencer will execute whatever was configured for the power-up sequence but in reverse
order. Supplies can also be configured to stay on in POWERDOWN mode. In this case, the
sequencer does not disable the regulator but switches to its B-configuration, see Section 6.4.
If any pointer is programmed to a step higher than MAX_COUNT, the function is no longer controlled
by the sequencer. Only the regulator control pointers (LDO<x>_STEP, BUCK<x>_STEP) are allowed
to point to step 0. Setting any other pointer to step 0, effectively disables that function.
POWERDOWN
mode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
System
Wake-up
ACTIVE
mode
SYSTEM_EN
Watchdog alive
Power
Power1
OTP_RD2
STANDBY
mode
Figure 18: Structure of the power sequencer
NOTE
STANDBY mode can only be reached on power-down, not power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com