công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA9061 bảng dữ liệu(PDF) 74 Page - Dialog Semiconductor

tên linh kiện DA9061
Giải thích chi tiết về linh kiện  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 bảng dữ liệu(HTML) 74 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 70Page - Dialog Semiconductor DA9061 Datasheet HTML 71Page - Dialog Semiconductor DA9061 Datasheet HTML 72Page - Dialog Semiconductor DA9061 Datasheet HTML 73Page - Dialog Semiconductor DA9061 Datasheet HTML 74Page - Dialog Semiconductor DA9061 Datasheet HTML 75Page - Dialog Semiconductor DA9061 Datasheet HTML 76Page - Dialog Semiconductor DA9061 Datasheet HTML 77Page - Dialog Semiconductor DA9061 Datasheet HTML 78Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
74 of 82
© 2016 Dialog Semiconductor
Table 96: VLDO1_B (0x0BA)
Field
Slice
Description
Reset
LDO1_SL_B
7:7
Force LDO sleep mode if VLDO*_B is selected.
0
Reserved
6:6
Reserved
VLDO1_B
5:0
From 0.90 V (0x02) to 3.60 V (0x38) in steps of 50 mV
Less than 0x02: 0.90 V; greater than 0x38: 3.60 V
0x31
Table 97: VLDO2_B (0x0BB)
Field
Slice
Description
Reset
LDO2_SL_B
7:7
Force LDO sleep mode if VLDO*_B is selected.
0
Reserved
6:6
Reserved
VLDO2_B
5:0
From 0.90 V (0x02) to 3.60 V (0x38) in steps of 50 mV
Less than 0x02: 0.90 V; greater than 0x38: 3.60 V
0x31
Table 98: VLDO3_B (0x0BC)
Field
Slice
Description
Reset
LDO3_SL_B
7:7
Force LDO sleep mode if VLDO*_B is selected.
0
Reserved
6:6
Reserved
VLDO3_B
5:0
From 0.90 V (0x02) to 3.60 V (0x38) in steps of 50 mV
Less than 0x02: 0.90 V; greater than 0x38: 3.60 V
0x31
Table 99: VLDO4_B (0x0BD)
Field
Slice
Description
Reset
LDO4_SL_B
7:7
Force LDO sleep mode if VLDO*_B is selected.
0
Reserved
6:6
Reserved
VLDO4_B
5:0
From 0.90 V (0x02) to 3.60 V (0x38) in steps of 50 mV
Less than 0x02: 0.90 V; greater than 0x38: 3.60 V
0x31
A.3
PAGE 2
A.3.1
Customer trim and configuration
Table 100: INTERFACE (0x105)
Field
Slice
Description
Reset
IF_BASE_ADDR
7:4
2-WIRE slave address MSBs. The LSBs of the slave address
are “000”. The complete slave address is then
IF_BASE_ADDR * 2
3. However, the device also responds to
IF_BASE_ADDR * 2
3+1.
0xB
Reserved
3:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com