công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA9061 bảng dữ liệu(PDF) 9 Page - Dialog Semiconductor

tên linh kiện DA9061
Giải thích chi tiết về linh kiện  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 bảng dữ liệu(HTML) 9 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 5Page - Dialog Semiconductor DA9061 Datasheet HTML 6Page - Dialog Semiconductor DA9061 Datasheet HTML 7Page - Dialog Semiconductor DA9061 Datasheet HTML 8Page - Dialog Semiconductor DA9061 Datasheet HTML 9Page - Dialog Semiconductor DA9061 Datasheet HTML 10Page - Dialog Semiconductor DA9061 Datasheet HTML 11Page - Dialog Semiconductor DA9061 Datasheet HTML 12Page - Dialog Semiconductor DA9061 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
9 of 82
© 2016 Dialog Semiconductor
2
Absolute maximum ratings
Table 3 lists the absolute maximum ratings of the device. Exceeding these ratings may cause
permanent damage to the device. Device functionality is only guaranteed under the conditions listed
in Sections 3 and 4. Operating the device in conditions exceeding those listed in Sections 3 and 4,
but compliant with the absolute maximum ratings listed in Table 3, for extended periods of time may
affect device reliability.
Table 3: Absolute maximum ratings
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Storage temperature
-65
+150
°C
Operating junction
temperature
TJ
-40
+150
Note 1
°C
Supply voltage
VSYS
-0.3
5.5
V
All other
pins
-0.3
VSYS +
0.3
Note 2
V
ESD protection HBM
2000
V
ESD protection CDM
Corner pins
750
V
All other pins
500
Note 1
See Sections 4.8 and 6.10 for more detail.
Note 2
Voltage must not exceed 5.5 V.
3
Recommended operating conditions
Table 4: Recommended operating conditions
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Ambient operating
temperature
TA
-40
+85
°C
Supply voltage
VSYS
0
5.5
V
Supply voltage IO
VDDIO
IO supply voltage Note 1
1.2
3.6
V
Maximum power
dissipation Note 2
Derating factor above
TA = 70 °C: 56 mW/°C
3000
mW
Note 1
VDDIO must not exceed VSYS.
Note 2
Obtained from package thermal simulation, board dimension 76 mm x 114 mm x 1.6 mm (JEDEC), 6-
layer board, 35 μm thick copper top/bottom layers, 17 μm thick copper inside layers, natural
convection (still air).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com