công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA9061 bảng dữ liệu(PDF) 36 Page - Dialog Semiconductor

tên linh kiện DA9061
Giải thích chi tiết về linh kiện  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 bảng dữ liệu(HTML) 36 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 32Page - Dialog Semiconductor DA9061 Datasheet HTML 33Page - Dialog Semiconductor DA9061 Datasheet HTML 34Page - Dialog Semiconductor DA9061 Datasheet HTML 35Page - Dialog Semiconductor DA9061 Datasheet HTML 36Page - Dialog Semiconductor DA9061 Datasheet HTML 37Page - Dialog Semiconductor DA9061 Datasheet HTML 38Page - Dialog Semiconductor DA9061 Datasheet HTML 39Page - Dialog Semiconductor DA9061 Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
36 of 82
© 2016 Dialog Semiconductor
Operating mode
6.7.6
The operating mode of each converter can be set via the buck control (BUCK<x>_MODE) to
synchronous (PWM), sleep (PFM), or auto. In auto mode the buck converter switches between PWM
and PFM depending on the load current. This mode is recommended for applications that require fast
transitions from synchronous to sleep operation. The current consumption during PWM operation is
10 mA and drops to <1 µA in shutdown.
In addition, the buck mode can be controlled with the A and B setting. If BUCK<x>_SL_B is set, the
buck is forced to SLEEP mode when the B setting is active. Similarly, if BUCK<x>_SL_A is set, the
buck is forced to SLEEP mode when the A setting is active.
Half-current mode
6.7.7
Buck1 can operate in half-current mode where the quiescent current is reduced by disabling half of
the pass devices. As the name implies, enabling this option halves the output current, and therefore,
this feature is valuable in applications where quiescent current is critical and full current is not
needed. This feature is controlled with BUCK1_FCM. If the bit is asserted (BUCK1_FCM = 1), the
corresponding buck is in full-current mode and the full current is available. If the bit is de-asserted,
the corresponding buck is in half-current mode. Operating the bucks in full-current mode requires
twice as much output capacitance (2 x 47 µF) as the half-current mode (2 x 22 µF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com