công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA9061 bảng dữ liệu(PDF) 20 Page - Dialog Semiconductor

tên linh kiện DA9061
Giải thích chi tiết về linh kiện  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 bảng dữ liệu(HTML) 20 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 16Page - Dialog Semiconductor DA9061 Datasheet HTML 17Page - Dialog Semiconductor DA9061 Datasheet HTML 18Page - Dialog Semiconductor DA9061 Datasheet HTML 19Page - Dialog Semiconductor DA9061 Datasheet HTML 20Page - Dialog Semiconductor DA9061 Datasheet HTML 21Page - Dialog Semiconductor DA9061 Datasheet HTML 22Page - Dialog Semiconductor DA9061 Datasheet HTML 23Page - Dialog Semiconductor DA9061 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
20 of 82
© 2016 Dialog Semiconductor
Buck3
4.5.3
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC.
Table 13: Buck3 electrical characteristics
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Input voltage
VDD
2.8
5.5
V
Output capacitor
COUT
Including voltage and
temperature coefficient
-50%
2 * 22
+30%
µF
Output capacitor ESR
RCOUT_ESR
f > 100 kHz
including wiring parasitics
15
50
m
Inductor value
LBUCK
Including current and
temperature dependence
0.6
1.0
1.3
µH
Inductor resistance
RL_DCR
80
120
m
Output voltage
VBUCK
Programmable in 10 mV
steps
0.7
1.8
V
Output voltage accuracy
VBUCK_ACC
Including static line/load
regulation and voltage ripple
Note 1
-3%
+3%
Transient load
regulation
VTR_LOAD
VDD = 3.6 V
VBUCK = 1.35 V
IOUT = 200 to 1000 mA
dI/dt = 3 A/µs
25
40
mV
VDD = 3.6 V
VBUCK = 1.35 V
IOUT = 200 to 1500 mA
dI/dt = 3 A/µs
40
60
mV
Transient line regulation
VTR_LINE
VDD = 3.0 to 3.6 V
IOUT = 500 mA
tR = tF = 10 µs
0.2
3
mV
Output current
IOUT
VDD - VBUCK ≥ 1.25 V
L > 0.9 µH
1500
mA
VDD - VBUCK ≥ 1.00 V
L > 0.9 µH
1250
VDD - VBUCK ≥ 1.00 V
L > 0.6 µH
900
Current limit
ILIM
Controlled in BUCK3_ILIM in
100 mA steps
500
2000
mA
Current limit accuracy
ILIM_ACC
-20
+20
%
Quiescent current in
OFF mode
IQ_OFF
1
µA
Quiescent current in
PWM mode
IQ_ON
IOUT = 0 mA
9
mA
Switching frequency
f
2.85
3
3.15
MHz
Switching duty cycle
DC
14
83
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com