công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA9061 bảng dữ liệu(PDF) 52 Page - Dialog Semiconductor

tên linh kiện DA9061
Giải thích chi tiết về linh kiện  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 bảng dữ liệu(HTML) 52 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 48Page - Dialog Semiconductor DA9061 Datasheet HTML 49Page - Dialog Semiconductor DA9061 Datasheet HTML 50Page - Dialog Semiconductor DA9061 Datasheet HTML 51Page - Dialog Semiconductor DA9061 Datasheet HTML 52Page - Dialog Semiconductor DA9061 Datasheet HTML 53Page - Dialog Semiconductor DA9061 Datasheet HTML 54Page - Dialog Semiconductor DA9061 Datasheet HTML 55Page - Dialog Semiconductor DA9061 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
52 of 82
© 2016 Dialog Semiconductor
ground. The quiet ground can then be connected to the main ground at the paddle, as shown in
Figure 19.
All traces carrying high discontinuous currents should be kept as short as possible.
Noise sensitive analog signals, such as feedback lines or crystal connections, should be kept away
from traces carrying pulsed analog or digital signals. This can be achieved by separation or shielding
with quiet signals or ground traces.
LDOs and switched mode supplies
8.2.2
The placement of the distributed capacitors on the VSYS rail must ensure that all VDD inputs and
VSYS are connected to a bypass capacitor close to the pad. It is recommended placing at least two
1 µF capacitors close to the VDD_LDOx pads and at least one 10 µF close to the VDD_BUCKx pads.
Using a local power plane underneath the device for VSYS might be considered.
Transient current loops in the area of the switching converters should be minimised.
The common references (IREF, VREF) should be placed close to the device and cross-coupling to
any noisy digital or analog trace must be avoided.
Output capacitors of the LDOs can be placed close to the input pins of the supplied devices (remote
from the DA9061).
Care must be taken with trace routing to ensure that no current is carried on feedback lines of the
buck output voltages (VBUCKx).
The inductor placement is less critical since parasitic inductances have negligible effect.
Optimising thermal performance
8.2.3
DA9061 features a ground paddle which should be connected with as many vias as possible to the
PCB’s main ground plane in order to achieve good thermal performance.
Solder mask openings for the ball landing pads must be arranged to prohibit solder balls flowing into
vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com