công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA9061 bảng dữ liệu(PDF) 59 Page - Dialog Semiconductor

tên linh kiện DA9061
Giải thích chi tiết về linh kiện  Entry level PMIC for applications requiring up to 6 A
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061 bảng dữ liệu(HTML) 59 Page - Dialog Semiconductor

Back Button DA9061 Datasheet HTML 55Page - Dialog Semiconductor DA9061 Datasheet HTML 56Page - Dialog Semiconductor DA9061 Datasheet HTML 57Page - Dialog Semiconductor DA9061 Datasheet HTML 58Page - Dialog Semiconductor DA9061 Datasheet HTML 59Page - Dialog Semiconductor DA9061 Datasheet HTML 60Page - Dialog Semiconductor DA9061 Datasheet HTML 61Page - Dialog Semiconductor DA9061 Datasheet HTML 62Page - Dialog Semiconductor DA9061 Datasheet HTML 63Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
59 of 82
© 2016 Dialog Semiconductor
Table 46: CONTROL_F (0x013)
Field
Slice
Description
Reset
Reserved
7:3
Reserved
WAKE_UP
2:2
Wake-up from POWERDOWN mode. Cleared automatically.
0
SHUTDOWN
1:1
POWERDOWN to RESET mode. Cleared automatically.
0
WATCHDOG
0:0
Reset watchdog timer. Cleared automatically.
0
Table 47: PD_DIS (0x014)
Field
Slice
Description
Reset
PMCONT_DIS
7:7
Disable SYS_EN, PWR_EN and PWR1_EN in POWERDOWN
mode.
0
Reserved
6:5
Reserved
0
CLDR_PAUSE
4:4
Disable calendar update in POWERDOWN mode.
0
Reserved
3:3
Reserved
PMIF_DIS
2:2
Disable 2-WIRE interface in POWERDOWN mode.
0
Reserved
1:1
Reserved
GPI_DIS
0:0
Disable E_GPIx events in POWERDOWN mode.
0
A.1.6
GPIO control
Table 48: GPIO_0_1 (0x015)
Field
Slice
Description
Reset
GPIO1_WEN
7:7
0: Passive-to-active transition triggers wakeup.
1: No wakeup
0
GPIO1_TYPE
6:6
GPI: active high (1) / low (0)
1
GPIO1_PIN
5:4
Function of GPIO pad (see GPIO*_OUT if output)
0: reserved (pad configured as analog IO)
1: input (opt. regul. HW ctrl.)
2: output (open drain)
3: output (push-pull)
01
GPIO0_WEN
3:3
0: Passive-to-active transition triggers wakeup.
1: No wakeup
0
GPIO0_TYPE
2:2
GPI: active high (1) / low (0)
1
GPIO0_PIN
1:0
Function of GPIO pad (see GPIO*_OUT if output)
0: Watchdog trigger input
1: input
2: output (open drain)
3: output (push-pull)
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com