| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC87591L bảng dữ liệu(PDF) 418 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87591L bảng dữ liệu(HTML) 418 Page - National Semiconductor (TI) |
|
418 / 437 page ![]() Software for Hardware Interface (Continued) www.national.com 418 Revision 1.07 UBAUD Byte 00 FD2C16 Read/Write 0016 UPSR Byte 00 FD2E16 Read/Write 0016 A.1.23 Flash Interface (Section 4.16.7 on page 228) IBAI Word 00 F88016 Read/Write IBD Word 00 F88216 Read/Write FCWP0 Word 00 F89016 Read/Write 000016 FLCR Word F8C016 Read/Write 000016 FLSR Byte F8C216 Varies per bit 0016 FLPSLR Byte F8C416 Read/Write 0016 FLSTART Byte F8C616 Read/Write 1416 FLTRAN Byte F8CA16 Read/Write 2816 FLPROG Byte F8D016 Read/Write 0A16 FLPERASE Byte F8D216 Read/Write 0916 FLSERASE Byte F8D416 Read/Write 0916 FLEND Byte F8D816 Read/Write 1416 FLSEND Byte F8DC16 Read/Write 3216 FLRCV Byte F8DE16 Read/Write 0416 A.1.24 Shared Memory Core (Section 5.3.9 on page 307) SMCCST Byte 00 F90016 Read/Write 0016 SMCTA Byte 00 F90216 Read/Write and Read Only See description SMHSEM Byte 00 F90416 Varies per bit 0016 SMCORP0 Word 00 F91016 Varies per bit See description SMCORP1 Word 00 F91216 Varies per bit See description SMCORP2 Word 00 F91416 Varies per bit See description SMCOWP0 Word 00 F92016 Read/Write FFFF16 SMCOWP1 Word 00 F92216 Read/Write FFFF16 SMCOWP2 Word 00 F92416 Read/Write FFFF16 RNGCS Byte 00 F93016 Varies per bit 0016 RNGD Byte 00 F93216 Read Only Module Register Name Size Register Address Access Type Value After Reset Comments |