công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 267 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 267 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 263Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 264Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 265Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 266Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 267Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 268Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 269Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 270Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 271Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
CVF
The CVSD Out FIFO Full bit set indicates whether the CVSD Out FIFO has been written by
the CVSD converter while the FIFO was already full. If the CVSDERRINT bit is set, an
interrupt will be asserted when the CVF bit is set. The CVF bit is cleared when the
CVSTATn register is read, unless the device is in Freeze mode.
0 – CVSD Out FIFO has not been written while full.
1 – CVSD Out FIFO has been written while full.
CVINST
The CVSD In FIFO Status field indicates the current number of empty 16-bit word locations
in the CVSD In FIFO. The field is biased by 1, so when there are 8 empty words (FIFO is
empty), the CVINST field will read as 111b. When there are 1 or 0 empty words (FIFO holds
7 or 8 words of data), the CVINST field will read as 000b.
CVOUTST CVSD Out FIFO Status field indicates the current number of valid 16-bit CVSD data words
in the CVSD Out FIFO. When the FIFO is empty, the CVOUTST field will read as 000b.
When the FIFO holds 7 or 8 words of data, the CVOUTST field will read as 111b.
27 Dual/Quad UART
The CP3SP33 provides four Universal Asynchronous Receiver/Transmitter (UART) modules in the FBGA-
224 package, and two UART modules in the FBGA-144 package. Each module supports a wide range of
software-programmable baud rates (up to 3.072 Mbaud) and data formats. It handles automatic parity
generation and several error detection schemes.
All UART modules offer the following features:
•
Full-duplex double-buffered receiver/transmitter
•
Asynchronous operation
•
Programmable baud rate
•
Programmable framing formats: 7, 8, or 9 data bits; even, odd, or no parity; one or two stop bits (mark
or space)
•
Hardware parity generation for data transmission and parity check for data reception
•
Interrupt or DMA requests on transmit ready and receive ready conditions, separately enabled
•
Software-controlled break transmission and detection
•
Internal diagnostic capability
•
Automatic detection of parity, framing, and overrun errors
The UART modules are referred to as UART0, UART1, UART2, and UART3. UART2 and UART3 are not
available in the FBGA-144 package.
UART0, UART1, and UART2 reside on the CPU peripheral APB bus. UART3 is on the shared audio
peripheral APB bus.
UART0 offers synchronous operation using the CKX external clock pin in the FBGA-224 package. The
CKX signal is not available in the FBGA-144 package.
UART0, UART1, and UART2 support hardware flow control using the CTSn and RTSn signals.
27.1 Functional Overview
Figure 27-1 is a block diagram of the UART module showing the basic functional units in the UART:
•
Transmitter
•
Receiver
•
Baud Rate Generator
•
Control and Error Detection
The Transmitter block consists of an 8-bit transmit shift register and an 8-bit transmit buffer. Data bytes
are loaded in parallel from the buffer into the shift register and then shifted out serially on the TXDn pin.
Copyright © 2013, Texas Instruments Incorporated
Dual/Quad UART
267
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com