| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CP3SP33SMS/NOPB bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CP3SP33SMS/NOPB bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 407 page ![]() CP3SP33 www.ti.com SNOSCW5 – MAY 2013 Table 5-2. Instruction Set Summary (continued) MNEMONIC OPERANDS DESCRIPTION LSHi Rsrc/imm, Rdest Logical left/right shift LSHD Rsrc/imm, RPdest Logical left/right shift SBITi Iposition, disp(Rbase) Set a bit in memory (Because this instruction treats the destination as a readmodify-write operand, it Iposition, disp(RPbase) not be used to set bits in write-only registers.) Iposition, (Rindex)disp(RPbasex) Iposition, abs Iposition, (Rindex)abs CBITi Iposition, disp(Rbase) Clear a bit in memory Iposition, disp(RPbase) Iposition, (Rindex)disp(RPbasex) Iposition, abs Iposition, (Rindex)abs TBIT TBITi Rposition/imm, Rsrc Test a bit in a register Test a bit in memory Iposition, disp(Rbase) Iposition, disp(RPbase) Iposition, (Rindex)disp(RPbasex) Iposition, abs Iposition, (Rindex)abs LPR Rsrc, Rproc Load processor register LPRD RPsrc, Rprocd Load double processor register SPR Rproc, Rdest Store processor register SPRD Rprocd, RPdest Store 32-bit processor register Bcond disp9 Conditional branch disp17 disp24 BAL RPlink, disp24 Branch and link BR disp9 Branch disp17 disp24 EXCP vector Trap (vector) Jcond RPtarget Conditional Jump to a large address JAL RA, RPtarget, Jump and link to a large address RPlink, RPtarget JUMP RPtarget Jump JUSR RPtarget Jump and set PSR.U RETX Return from exception PUSH imm, Rsrc, RA Push “imm” number of registers on user stack, starting with Rsrc and possibly including RA POP imm, Rdest, RA Restore “imm” number of registers from user stack, starting with Rdest and possibly including RA POPRET imm, Rdest, RA Restore registers (similar to POP) and JUMP RA LOADi disp(Rbase), Rdest Load (register relative) abs, Rdest Load (absolute) (Rindex)abs, Rdest Load (absolute index relative) (Rindex)disp(RPbasex), Rdest Load (register relative index) disp(RPbase), Rdest Load (register pair relative) Copyright © 2013, Texas Instruments Incorporated CPU Architecture 25 Submit Documentation Feedback Product Folder Links :CP3SP33 |