công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 266 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 266 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 262Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 263Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 264Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 265Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 266Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 267Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 268Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 269Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 270Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
PCMCONV
The PCM to PCM Conversion Format bit selects the PCM format for PCM/PCM
conversions.
0 – Linear PCM <-> 8-bit µ-Law PCM
1 – Linear PCM <-> 8-bit A-Law PCM
RESOLUTION
The Linear PCM Resolution field specifies the attenuation of the PCM data for the
linear PCM to CVSD conversions by right shifting and sign extending the data. This
affects the log PCM data as well as the linear PCM data. The log data is converted to
either left-justified zero-stuffed 13-bit (A-law) or 14-bit (µ-law). The RESOLUTION
field can be used to compensate for any change in average levels resulting from this
conversion.
00 – No shift.
01 – 1-bit attenuation.
10 – 2-bit attenuation.
11 – 3-bit attenuation.
26.12.10 CVSD Status Register n (CVSTATn)
The CVSTATn registers are 16-bit, read-only registers that hold the status information of the CVSD/PCM
modules. At reset or when the module is disabled (CVCTRLn.CVEN bit is cleared), all implemented bits
are cleared.
15
11 10
8 7
5
4
3
2
1
0
Reserved
CVOUTST
CVINST
CVF
CVE
PCMINT
CVNF
CVNE
CVNE
The CVSD In FIFO Nearly Empty bit indicates when only three CVSD data words are left in
the CVSD In FIFO, so new CVSD data should be written into the CVSD In FIFO. If the
CVSDINT bit is set, an interrupt will be asserted when the CVNE bit is set. If the DMACI bit
is set, a DMA request will be asserted when this bit is set. The CVNE bit is cleared when
the CVSTATn register is read.
0 – CVSD In FIFO is not nearly empty.
1 – CVSD In FIFO is nearly empty.
CVNF
The CVSD Out FIFO Nearly Full bit indicates when only three empty word locations are left
in the CVSD Out FIFO, so the CVSD Out FIFO should be read. If the CVSDINT bit is set, an
interrupt will be asserted when the CVNF bit is set. If the DMACO bit is set, a DMA request
will be asserted when this bit is set. Software must not rely on the CVNF bit as an indicator
of the number of valid words in the FIFO. Software must check the CVOUTST field to read
the number of valid words in the FIFO. The CVNF bit is cleared when the CVSTATn register
is read.
0 – CVSD Out FIFO is not nearly full.
1 – CVSD Out FIFO is nearly full.
PCMINT
The PCM Interrupt bit set indicates that the PCMOUTn register is full and needs to be read
or the PCMINn register is empty and needs to be loaded with new PCM data. The PCMINT
bit is cleared when the CVSTATn register is read, unless the device is in Freeze mode.
0 – PCM does not require service.
1 – PCM requires loading or unloading.
CVE
The CVSD In FIFO Empty bit indicates when the CVSD In FIFO has been read by the
CVSD converter while the FIFO was already empty. If the CVSDERRINT bit is set, an
interrupt will be asserted when the CVE bit is set. The CVE bit is cleared when the
CVSTATn register is read, unless the device is in Freeze mode.
0 – CVSD In FIFO has not been read while empty.
1 – CVSD In FIFO has been read while empty.
266
Dual CVSD/PCM Conversion Modules
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com