công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 265 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 265 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 261Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 262Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 263Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 264Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 265Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 266Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 267Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 268Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 269Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
CVEN
The Module Enable bit enables or disables the CVSD conversion module interface.
When the bit is set, the interface is enabled which allows read and write operations to
the rest of the module. When the bit is clear, the module is disabled. When the
module is disabled the status register CVSTAT will be cleared to its reset state.
0 – CVSD module enabled.
1 – CVSD module disabled.
CLKEN
The CVSD Clock Enable bit enables the 2-MHz clock to the filter engine and CVSD
encoders and decoders.
0 – CVSD module clock disabled.
1 – CVSD module clock enabled.
PCMINT
The PCM Interrupt Enable bit controls generation of the PCM interrupt. If set, this bit
enables the PCM interrupt. If the PCMINT bit is clear, the PCM interrupt is disabled.
0 – PCM interrupt disabled.
1 – PCM interrupt enabled.
CVSDINT
The CVSD FIFO Interrupt Enable bit controls generation of the CVSD interrupt. If set,
this bit enables the CVSD interrupt that occurs if the CVSD In FIFO is nearly empty or
the CVSD Out FIFO is nearly full. If the CVSDINT bit is clear, the CVSD nearly
full/nearly empty interrupt is disabled.
0 – CVSD interrupt disabled.
1 – CVSD interrupt enabled.
CVSDERRINT
The CVSD FIFO Error Interrupt Enable bit controls generation of the CVSD error
interrupt. If set, this bit enables an interrupt to occur when the CVSD Out FIFO is full
or the CVSD In FIFO is empty. If the CVSDERRINT bit is clear, the CVSD full/empty
interrupt is disabled.
0 – CVSD error interrupt disabled.
1 – CVSD error interrupt enabled.
DMACO
The DMA Enable for CVSD Out bit enables hardware DMA control for reading CVSD
data from the CVSD Out FIFO. If clear, DMA support is disabled.
0 – CVSD output DMA disabled.
1 – CVSD output DMA enabled.
DMACI
The DMA Enable for CVSD In bit enables hardware DMA control for writing CVSD
data into the CVSD In FIFO. If clear, DMA support is disabled.
0 – CVSD input DMA disabled.
1 – CVSD input DMA enabled.
DMAPO
The DMA Enable for PCM Out bit enables hardware DMA control for reading PCM
data from the PCMOUT register. If clear, DMA support is disabled.
0 – PCM output DMA disabled.
1 – PCM output DMA enabled.
DMAPI
The DMA Enable for PCM In bit enables hardware DMA control for writing PCM data
into the PCMIN register. If cleared, DMA support is disabled.
0 – PCM input DMA disabled.
1 – PCM input DMA enabled.
CVSDCONV
The CVSD to PCM Conversion Format field specifies the PCM format for CVSD/PCM
conversions.
00 – CVSD <-> 8-bit µ-Law PCM.
01 – CVSD <-> 8-bit A-Law PCM.
10 – CVSD <-> Linear PCM.
11 – Reserved.
Copyright © 2013, Texas Instruments Incorporated
Dual CVSD/PCM Conversion Modules
265
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com