công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 261 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 261 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 257Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 258Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 259Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 260Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 261Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 262Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 263Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 264Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 265Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
The operation of the CVSD/PCM module (i.e., PCMINn to CVSDOUTn) is controlled by DMA
request/acknowledge activity on the CVSDOUTn and CVSDINn DMA channels. The number of DMA
transfers required to fill the CVSD buffer resident in Bluetooth RAM must be programmed into the DMA
controllers block length register. When the required number of DMA transfers has been executed, the
DMA controller will not acknowledge further DMA requests on the CVSDOUTn channel. Similarly, the
DMA requests on the CVSDINn channel are no longer acknowledged when the terminal count is reached
on the CVSDINn DMA operation. If a DMA request on either the CVSDOUTn or CVSDINn channel
remains unacknowledged, the CVSD/PCM module will suspend operation just before the end of the
current CVSD encoding cycle. When new CVSD data becomes available, the outstanding DMA requests
will be acknowledged and the CVSD/PCM module will restart.
26.9.2.2 PCM Receive Path
The CVSD/PCM modules have DMA channels assigned to their PCMOUTn registers. The DMA data
transfers from the CVSD/PCM modules to system RAM use indirect transfer, in which each transfer is
performed with two adjacent bus cycles (read/write). The operation of the PCMOUT0 DMA channel of
CVSD/PCM module 0 is described below. The PCMOUT1 DMA channel operates in a similar way.
The CVSD/PCM module requests a DMA transfer each time a new PCM sample is available in
PCMOUT0. If PCMOUT0 is assigned to device A and the DIR bit in the DMA channel control register is
clear, the DMA controller reads data from the PCMOUT0 register (device A) and writes the data into
system RAM (device B). The DMA controller must be configured so that automatic update of the device A
(PCMOUT0) address is disabled. The address of device B (system RAM) must be configured to
automatically increment or decrement by 2 after each DMA transfer.
The operation of the CVSD/PCM module (i.e. CVSDINn to PCMOUTn) is controlled by DMA
request/acknowledge activity on the CVSDINn and CVSDOUTn DMA channels. The number of DMA
transfers required to fill the PCM transmit buffer in system RAM must be specified in the DMA block length
register. When the required number of DMA transfers have been performed, the DMA controller will not
acknowledge further DMA requests on the PCMINn channel. Similarly, further requests on the CVSDINn
and CVSDOUTn channels will not be acknowledged when the terminal count is reached on their DMA
transfers. The CVSD/PCM module will suspend operation when DMA requests on the CVSDINn or
CVDOUTn channels are no longer acknowledged by the DMA controller.
The CVSD/PCM module requires 250 clock cycles of the Auxiliary Clock to decode a PCM sample. The
frequency of the Auxiliary Clock determines the rate at which DMA requests are made on the PCMOUTn
Channel.
26.9.2.3 CVSD Transmit/Receive Paths
The CVSD/PCM modules operate in their free-running mode with DMA channels assigned to their
CVSDINn and CVSDOUTn registers. Activity on these DMA channels is linked to the CVSDINn and
CVSDOUTn FIFOs. The operation of the CVSD/PCM module 0 channels is described below. The
CVSD/PCM module 1 channels operate in a similar way.
Initially when the CVSD/PCM module 0 is enabled and a DMA request on CVSDIN0 is asserted, a 16-bit
CVSD-encoded data word is transferred from memory to the CVSDIN0 FIFO. Further DMA requests are
asserted each time the CVSDIN0 FIFO is read by the CVSD/PCM converter. The CVSD/PCM converter
requires 250 clock cycles of the Auxiliary Clock 2 (Auxiliary Clock 3 for CVSD/PCM module 1) to produce
a single PCM sample. The effective compression ratio of 2:1 results in a 16-bit word of CVSD data every
500 auxiliary clock cycles. At the start of each decoding cycle (500 auxiliary clock cycles), a DMA request
is made to transfer a CVSD-encoded data word from Bluetooth RAM to the CVSDIN0 FIFO. The
frequency of the auxiliary clock determines the time interval between successive DMA requests.
Copyright © 2013, Texas Instruments Incorporated
Dual CVSD/PCM Conversion Modules
261
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com