công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 257 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 257 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 253Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 254Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 255Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 256Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 257Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 258Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 259Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 260Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 261Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
26.8 DMA Support
Each CVSD/PCM converter has four DMA channels for processor independent operation. Both receive
and transmit for CVSD data and PCM data can be enabled individually. A CVSD/PCM module asserts a
DMA request to the on-chip DMA controller under the following conditions:
•
The DMAPO bit is set and the PCMOUTn register is full, because it has been updated by the converter
core with a new PCM sample. (The DMA controller can read out one PCM data word from the
PCMOUTn register.)
•
The DMAPI bit is set and the PCMINn register is empty, because it has been read by the converter
core. (The DMA controller can write one new PCM data word into the PCMINn register.)
•
The DMACO bit is set and a new 16-bit CVSD data stream has been copied into the CVSD Out FIFO.
(The DMA controller can read out one 16-bit CVSD data word from the CVSD Out FIFO.)
•
The DMACI bit is set and a 16-bit CVSD data stream has been read from the CVSD In FIFO. (The
DMA controller can write one new 16-bit CVSD data word into the CVSD In FIFO.)
The DMA controller only supports indirect DMA transfers. Therefore, transferring data between a
CVSD/PCM module and another on-chip module requires two bus cycles.
The trigger for DMA may also trigger an interrupt if the corresponding enable bits in the CVCTRLn register
is set. Therefore, care must be taken when setting the desired interrupt and DMA enable bits. The
following conditions must be avoided:
•
Setting the PCMINT bit and either of the DMAPO or DMAPI bits.
•
Setting the CVSDINT bit and either of the DMACO or DMACI bits.
Because the PCM I/O DMA requests can be handled by either the CPU or DSP DMA controllers, the DMA
requests are passed through the Audio Subsystem Controller (ASC), which is programmed to route them
to the DMA controller. To use the PCM I/O DMA requests, they must be enabled at three levels:
•
CVSD/PCM module—the PCM I/O DMA requests must be enabled using the DMAPI and DMAPO bits
in the CVCTRLn registers.
•
ASC module—the PCM I/O DMA requests are assigned to ASC DMA channels 3 (PCMIN0), 2
(PCMOUT0), 5 (PCMIN1), and 4 (PCMOUT1). These channels are controlled by bits 3, 2, 5, and 4,
respectively, in the ASCDMASEL0 register. The bits must be clear to select the CPU DMA controller or
set to select the DSP DMA controller. If the DSP DMA controller is selected, the DSP DMA channel
must be enabled in the ASCDDMASELn registers.
•
DMA controller—the DMA requests must be enabled in the DMA controller. For the CPU DMA
controller, these are DMA requests 3 (PCMIN0), 2 (PCMOUT0), 5 (PCMIN1), and 4 (PCMOUT1).
The CVSD I/O DMA requests are only provided to the CPU DMA controller.
26.9 CVSD/PCM Audio Data Flow
CVSD and PCM data can be transferred to and from the CVSD/PCM modules using DMA channels.
Alternatively, CVSD data can be transferred to and from the CVSD/PCM modules by software directly
accessing the FIFOs, through the CVSDINn and CVSDOUTn registers.
The CVSDOUT and CVSDIN DMA channels are linked to the operation of the CVSD/PCM module internal
FIFOs. Each time the CVSDOUT FIFO reaches its almost full level of 5 entries, a DMA request is
generated. Initially when the CVSDIN FIFO contains 3 or fewer entries, a single DMA transfer is
requested. Further DMA requests are generated each time the CVSD In FIFO is read by the CVSD/PCM
converter.
Three of the four AAI channels are supported by independent DMA channels for both the receive and
transmit data paths. Figure 26-2 shows the flow of audio data when both CVSD/PCM modules are used to
support data exchange between the Bluetooth LLC and two external codec channels accessed through
the AAI.
Copyright © 2013, Texas Instruments Incorporated
Dual CVSD/PCM Conversion Modules
257
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com