công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 245 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 245 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 241Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 242Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 243Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 244Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 245Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 246Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 247Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 248Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 249Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 407 page
background image
I2SSCK
Left Channel
DS438
I2SSWS
I2SSDI,
I2SSDO
N
N
Right Channel
N-1
N-2
N-3
MSB
MSB
N-1
N-2
N-3
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Four 8-level FIFOs are provided to buffer the receive and transmit directions of the two channels.
Programmable thresholds are provided to trigger interrupt or DMA requests when the FIFOs require
loading or unloading.
The I2S module provides a three-pin unidirectional or four-pin bidirectional serial interface consisting of:
•
Serial Clock (I2SCLK)—bit clock for serial data transfer. The transmitter drives the data on the falling
edge. The receiver latches the data on the rising edge. The bus master drives this signal.
•
Word Select (I2SSWS)—alternately selects between left and right channels, and defines the beginning
and end of a word. The high and low phases must be equal length. The bus master drives this signal.
•
Serial Data (I2SSDI and I2SSDO)—bit stream between the transmitter and receiver. The MSB is
always sent first. In the CP3SP33 implementation, separate pins are provided for serial data input
(I2SSDI) and serial data output (I2SSDO).
The I2S module supports three common audio interface formats:
•
I2S Format—MSB transmitted one clock period after I2SSWS toggles. I2SSWS is low for the left
channel and high for the right channel.
•
Left-Justified Format—MSB transmitted following the clock edge when I2SSWS toggles. I2SSWS is
high for the left channel and low for the right channel.
•
Right-Justified Format—LSB transmitted during the clock period before I2SSWS toggles. I2SSWS is
high for the left channel and low for the right channel.
The number of data bits is programmable from 8 to 24 bits per word, and the word length is programmable
from 8 to 32 bits. The data is positioned in the word according to the format. In the left-justified and I2S
formats, the data starts with the MSB in the first or second clock periods, respectively. If the word length is
less than the number of data bits, the trailing LSBs are truncated. In the right-justified format, the number
of data bits and the word length are used to determine when to start sending or receiving the data bits, so
it is critical to program these values correctly. In this format, the word length must be longer than the
number of data bits, otherwise the transceiver will default to left-justified mode.
Figure 25-1 shows the timing of an I2S format data transfer.
Figure 25-1. I2S Format
Figure 25-2 shows the timing of a left-justified data transfer.
Copyright © 2013, Texas Instruments Incorporated
245
I2S Interface
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com