công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 248 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 248 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 244Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 245Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 246Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 247Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 248Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 249Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 250Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 251Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 252Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
31
24
23
21
20
16
15
8
7
4
3
2
1
0
Reserved
Reserved
WSRES
CLKDIV
Reserved
MS
CLKSEL
CLKEN
CLKEN
The Clock Enable bit enables clock to the module.
0 – Module disabled.
1 – Module enabled.
CLKSEL The Clock Select field selects the clock source for the module.
00 – PCLK Clock.
01 – Auxiliary clock 5.
10 – Reserved.
11 – Reserved
MS
The Master Select bit selects whether the interface is operating in master or slave mode.
0 – Slave mode.
1 – Master mode.
CLKDIV
The Clock Select field holds the divisor (expressed in half-periods of the clock source selected
by CLKSEL) for generating the I2S bus clock output I2SCLK in master mode. The field is
biased by 1, so the clock source is divided by ((CLKDIV + 1) ÷ 2) to obtain I2SCLK. Zero is a
reserved value for this field.
WSRES
The Word Select Resolution field specifies the length of one phase (one-half period) of the
word select output I2SSWS in master mode. The length is specified in terms of I2S bus clock
output I2SCLK periods. The field is biased by 1, so the default value of 7 results in a length of
8 clock periods. This field is only defined for values from 00111b to 11111b.
25.3.2 I
2S Receiver Control Register (I2SRXCTL)
The I2SRXCTL register is a 32-bit, read/write register that controls the I2S receiver. At reset, this register
is initialized to 0000 001Ch.
13
12
11
10
9
8
7
6
2
1
0
Reserved
RXLD
RXRD
RXLI
RXRI
RXER
RXRES
RXMOD
31
24
23
21
20
19
18
16
15
14
Reserved
Reserved
RXST
Reserved
RXFIFOTHRESH
RXALIGN
RXMOD
The Receiver Mode field selects the format used by the receiver.
00 – Receiver disabled.
01 – I2S format.
10 – Left-justified format.
11 – Right-justified format.
RXRES
The Receiver Resolution field specifies the number of data bits to receive. In right-justified
mode, this field also controls data alignment. It is particularly important to set RXRES
correctly in right-justified mode, otherwise the MSB of the received serial data will not be
aligned. For I2S- and left-justified modes, data will always be correctly aligned (MSB in the
correct position), however if RXRES specifies fewer data bits than are available on the bus,
the LSBs will be truncated. The field is biased by 1, so the default value of 7 results in 8
bits. This field is only defined for values from 00111b to 10111b.
RXER
The Receive Error bit enables the error interrupt from the receiver. A receive error occurs
when the receiver attempts to load data into a full FIFO for the left or right channel. The
status of the error condition is indicated by the RXERIRQ bit in the I2SSTAT register.
0 – Interrupt disabled.
1 – Interrupt enabled.
248
Copyright © 2013, Texas Instruments Incorporated
I2S Interface
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com