công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 249 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 249 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 245Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 246Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 247Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 248Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 249Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 250Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 251Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 252Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
RXRI
The Right Channel Receive Interrupt Enable bit enables an interrupt request when the
number of empty words in the right receive FIFO is equal to or less than the receive FIFO
threshold specified in the RXFIFOTHRES field. The status of the interrupt is indicated by
the RXRIRQ bit in the I2SSTAT register.
0 – Interrupt disabled.
1 – Interrupt enabled.
RXLI
The Left Channel Receive Interrupt Enable bit enables an interrupt request when the
number of empty words in the left receive FIFO is equal to or less than the receive FIFO
threshold specified in the RXFIFOTHRES field. The status of the interrupt is indicated by
the RXLIRQ bit in the I2SSTAT register.
0 – Interrupt disabled.
1 – Interrupt enabled.
RXRD
The Right Channel Receive DMA Enable bit enables a DMA request when the number of
empty words in the right receive FIFO is equal to or less than the receive FIFO threshold
specified in the RXFIFOTHRES field. If the interrupt and DMA requests are both enabled
for this condition, only the DMA request is asserted.
0 – DMA disabled.
1 – DMA enabled.
RXLD
The Left Channel Receive DMA Enable bit enables a DMA request when the number of
empty words in the left receive FIFO is equal to or less than the receive FIFO threshold
specified in the RXFIFOTHRES field. If the interrupt and DMA requests are both enabled
for this condition, only the DMA request is asserted.
0 – DMA disabled.
1 – DMA enabled.
RXALIGN
The Receiver Data Alignment field controls the position of the data loaded into the
I2SRXDATALEFT and I2SRXDATARIGHT data registers, as described in Section 25.2.
00 – 24-bit data loaded in upper 3 bytes. Lowest byte cleared.
01 – 24-bit data loaded in lower 3 bytes.
10 – 16-bit data loaded into lower 2 bytes.
11 – 8-bit data loaded into lowest byte.
RXFIFOTH
The Receive FIFO Threshold specifies the number of empty words in the receive FIFOs
RESH
before an interrupt or DMA request is asserted.
RXST
The Receiver Status bit controls whether the I2SSTAT.RXSTATUSR and
I2SSTAT.RXSTATUSL fields indicate the number of empty words in the receive FIFOs
rather than the number of filled words. This field does not affect the interpretation of the
RXFIFOTHRES field or the generation of interrupt and DMA requests.
0 – Status fields indicate the number of filled words in the FIFOs.
1 – Status fields indicate the number of empty words in the FIFOs.
25.3.3 I
2S Transmitter Control Register (I2STXCTL)
The I2STXCTL register is a 32-bit, read/write register that controls the I2S transmitter. At reset, this
register is initialized to 0000 001Ch.
13
12
11
10
9
8
7
6
2
1
0
TXFIFOENL
TXFIFOENR
TXLD
TXRD
TXLI
TXRI
TXER
TXRES
TXMOD
31
24
23
22
21
20
19
18
16
15
14
Reserved
Reserved
LSBFILL
FLUSH
TXST
Reserved
TXFIFOTHRESH
TXALIGN
Copyright © 2013, Texas Instruments Incorporated
249
I2S Interface
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com