công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 241 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 241 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 237Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 238Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 239Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 240Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 241Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 242Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 243Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 244Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
RXFWL The Receive FIFO Warning Level field specifies when a receive interrupt is asserted. A receive
interrupt is asserted, when the number of bytes/words in the receive FIFO is greater than the
warning level value. An RXFWL value of 0 means that a receive interrupt is asserted if one or
more bytes/words are in the RX FIFO. After reset, the RXFWL bit is clear.
24.7.8 Audio Transmit Status and Control Register (ATSCR)
The ATSCR register controls the basic operation of the interface. It also holds bits which report the current
status of the audio communication. The APB bus master has read/ write access to the ATSCR register. At
reset, this register is loaded with F000h, but after enabling the AAI clock it becomes F003h.
15
12 11
8 7
4
3
2
1
0
TXFWL
TXDSA
TXSA
TXU
TXF
TXF
TXAF
TXAE
The Transmit FIFO Almost Empty bit is set when the number of data bytes/words in transmit
buffer is equal to the specified warning limit.
0 – Transmit FIFO above warning limit.
1 – Transmit FIFO at or below warning limit.
TXE
The Transmit FIFO Empty bit is set when the transmit buffer is empty. The TXE bit is set to
one every time the TRP is equal to the TWP and the last access to the FIFO was read
operation (into ATSR).
0 – Transmit FIFO not empty.
1 – Transmit FIFO empty.
TXF
The Transmit FIFO Full bit is set when the TWP is equal to the TRP and the last access to the
FIFO was write operation.
0 – Transmit FIFO not full.
1 – Transmit FIFO full.
TXU
The Transmit Underflow bit indicates that the transmit shift register (ATSR) has underrun. This
occurs when the transmit FIFO was already empty and a complete data word has been
transferred. In this case, the TRP will be decremented by 1 and the previous data will be
retransmitted. No transmit interrupt and no DMA request will be generated.
0 – Transmit underrun occurred.
1 – Transmit underrun did not occur.
TXSA
The Transmit Slot Assignment field specifies during which slots the transmitter is active and
drives data through the STD pin. The STD pin is in high impedance state during all other slots.
If the frame consists of less than 4 slots, the TXSA bits for unused slots are ignored. For
example, if a frame only consists of 2 slots, TXSA bits 2 and 3 are ignored. The following table
shows the slot assignment scheme.
TXSA BIT
SLOTS ENABLED
TXSA0
0
TXSA1
1
TXSA2
2
TXSA3
3
After reset the TXSA field is clear, so software must load the correct slot assignment.
TXDSA
The Transmit DMA Slot Assignment field specifies which slots (audio channels) are supported
by DMA. If the TXDSA bit is set for an assigned slot (TXSAn = 1), the data to be transmitted
within this slot will not be read from the transmit FIFO, but will instead be read from the
corresponding Transmit DMA data register (ATDRn). A DMA request is asserted when the
ATDRn register is empty. If the TXSA bit for a slot is clear, the TXDSA bit is ignored. The
following table shows the DMA slot assignment scheme. TXDSA3 must be 0.
Copyright © 2013, Texas Instruments Incorporated
Advanced Audio Interface
241
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com