công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 239 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 239 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 235Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 236Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 237Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 238Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 239Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 240Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 241Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 242Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 243Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
RXIC
The Receive Interrupt Enable bit controls whether receive interrupts are generated. If the
RXIE bit is clear, no receive interrupt will be generated.
0 – Receive interrupt disabled.
1 – Receive interrupt enabled.
RXEIE
The Receive Error Interrupt Enable bit controls whether receive error interrupts are generated.
Setting this bit enables a receive error interrupt, when the Receive Buffer Overrun (RXOR) bit
is set. If the RXEIE bit is clear, no receive error interrupt will be generated.
0 – Receive error interrupt disabled.
1 – Receive error interrupt enabled.
TXIE
The Transmit Interrupt Enable bit controls whether transmit interrupts are generated. Setting
this bit enables a transmit interrupt, when the Transmit Buffer Almost Empty (TXAE) bit is set.
If the TXIE bit is clear, no interrupt will be generated.
0 – Transmit interrupt disabled.
1 – Transmit interrupt enabled.
TXEIE
The Transmit Error Interrupt Enable bit controls whether transmit error interrupts are
generated. Setting this bit to 1 enables a transmit error interrupt, when the Transmit Buffer
Underrun (TXUR) bit is set. If the TXEIE bit is clear, no transmit error interrupt will be
generated.
0 – Transmit error interrupt disabled.
1 – Transmit error interrupt enabled.
RSIP
The Receive Interrupt Pending bit indicates that a receive interrupt is currently pending. The
RXIP bit is cleared by writing a 1 to the RXIC bit. The RXIP bit provides read-only access.
0 – No receive interrupt pending.
1 – Receive interrupt pending.
RXEIP
The Receive Error Interrupt Pending bit indicates that a receive error interrupt is currently
pending. The RXEIP bit is cleared by writing a 1 to the RXEIC bit. The RXEIP bit provides
read-only access.
0 – No receive error interrupt pending.
1 – Receive error interrupt pending.
TXIP
The Transmit Interrupt Pending bit indicates that a transmit interrupt is currently pending. The
TXIP bit is cleared by writing a 1 to the TXIC bit. The TXIP bit provides read-only access.
– No transmit interrupt pending.
1 – Transmit interrupt pending.
TXEIP
Transmit Error Interrupt Pending. This bit indicates that a transmit error interrupt is currently
pending. The TXEIP bit is cleared by software by writing a 1 to the TXEIC bit. The TXEIP bit
provides read-only access.
0 – No transmit error interrupt pending.
1 – Transmit error interrupt pending.
RXIC
The Receive Interrupt Clear bit is used to clear the RXIP bit.
0 – Writing a 0 to the RXIC bit is ignored.
1 – Writing a 1 clears the RXIP bit.
RXEIC
The Receive Error Interrupt Clear bit is used to clear the RXEIP bit.
0 – Writing a 0 to the RXEIC bit is ignored.
1 – Writing a 1 clears the RXEIP bit.
TXIC
The Transmit Interrupt Clear bit is used to clear the TXIP bit.
0 – Writing a 0 to the TXIC bit is ignored.
1 – Writing a 1 clears the TXIP bit.
TXEIC
The Transmit Error Interrupt Clear bit is used to clear the TXEIP bit.
0 – Writing a 0 to the TXEIC bit is ignored.
1 – Writing a 1 clears the TXEIP bit.
Copyright © 2013, Texas Instruments Incorporated
Advanced Audio Interface
239
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com