công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37271MF-252SP bảng dữ liệu(PDF) 31 Page - Mitsubishi Electric Semiconductor

tên linh kiện M37271MF-252SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP bảng dữ liệu(HTML) 31 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
31
(1) Clamping Circuit and Low-pass Filter
This filter attenuates the noise of the composite video signal input
from the CVIN pin. The CVIN pin to which composite video signal is
input requires a capacitor (0.1
µF) coupling outside. Pull down the
CVIN pin with a resistor of hundreds of kiloohms to 1 M . In addition,
we recommend to install externally a simple low-pass filter using a
resistor and a capacitor at the CVIN pin (refer to Figure 22).
(2) Sync Slice Circuit
This circuit takes out a composite sync signal from the output signal
of the low-pass filter. Figure 24 shows the structure of the sync slice
register.
(3) Synchronizing Signal Separation Circuit
This circuit separates a horizontal synchronizing signal and a vertical
synchronizing signal from the composite sync signal taken out in the
sync slice circuit.
1Horizontal synchronizing signal (Hsep)
A one-shot horizontal synchronizing signal Hsep is generated at
the falling edge of the composite sync signal.
2 Vertical synchronizing signal (Vsep)
As a Vsep signal generating method, it is possible to select one of
the following 2 methods by using bit 7 of the sync slice register
(address 00E316).
•Method 1
The “L” level width of the composite sync signal is
measured. If this width exceeds a certain time, a Vsep
signal is generated in synchronization with the rising
of the timing signal immediately after this “L” level.
•Method 2
The “L” level width of the composite sync signal is
measured. If this width exceeds a certain time, it is
detected whether a falling of the composite sync
signal exits or not in the “L” level period of the timing
signal immediately after this “L” level. If a falling exists,
a Vsep signal is generated in synchronization with
the rising of the timing signal (refer to Figure 25).
Figure 25 shows a Vsep generating timing. The timing signal shown
in the figure is generated from the reference clock which the timing
generating circuit outputs.
Reading bit 5 of data slicer control register 2 permits determinating
the shape of the V-pulse portion of the composite sync signal. As
shown in Figure 26, when the A level matches the B level, this bit is
“0.” In the case of a mismatch, the bit is “1.”
For the pins RVCO and the HLF, connect a resistor and a capacitor
as shown in Figure 22. Make the length of wiring which is connected
to these pins as short as possible so that a leakage current may not
be generated.
Note: It takes a few tens of milliseconds until the reference clock
becomes stable after the data slicer and the timing signal
generating circuit are started. In this period, various timing
signals, Hsep signals and Vsep signals become unstable. For
this reason, take stabilization time into consideration when
programming.
Fig. 24. Structure of sync slice register
Fig. 25. Vsep generating timing (method 2)
Composite
sync signal
Timing
signal
Vsep signal
Measure “L” period
A Vsep signal is generated at a rising of the timing signal
immediately after the “L” level width of the composite
sync signal exceeds a certain time.
00
0
0
7
Sync slice register
(SSL : address 00E316)
Fix these bits to “00001012”
Vertical synchronizing
signal (Vsep) generating
method selection bit
0 : Method 1
1 : Method 2
00
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com