công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37271MF-252SP bảng dữ liệu(PDF) 68 Page - Mitsubishi Electric Semiconductor

tên linh kiện M37271MF-252SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP bảng dữ liệu(HTML) 68 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
68
5
5
5
5
5 Border
The border is output in the OSD mode and the EXOSD mode. The all
bordered (bordering around of character font) and the shadow bor-
dered (bordering right and bottom sides of character font) are se-
lected (refer to Figure 73) by bit 2 of the OSD control register (refer to
Figure 52). The border ON/OFF is controlled by bit 2 of the block
control register (refer to Figure 53).
The OUT1 signal is used for border output. The border color for each
screen is specified by the border color register.
The horizontal size (x) of border is 1TC (OSD clock cycle divided in
the pre-divide circuit) regardless of the character font dot size. The
vertical size (y) different depending on the screen scan mode and
the vertical dot size of character font.
Notes 1 : There is no border for the extra font.
2 : The border dot area is the shaded area as shown in Figure
75. In the EXOSD mode, top and bottom of character font
display area is not bordered.
3 : When the border dot overlaps on the next character
font, the character font has priority (refer to Figure 76 A).
When the border dot overlaps on the next character back
ground, the border has priority (refer to Figure 76 B).
4 : The border is not displayed at right side of the most right
dot in the display area of the 40th character (the character
located at the most right of the block).
Fig. 73. Example of border display
Fig. 74. Horizontal and vertical size of border
All bordered
Shadow bordered
y
x
1/2H
1H, 2H, 3H
1/2H, 1H, 2H, 3H
1/2H
1H
1H
Vertical dot size of
character font
Border
dot size
Scan mode
Horizontal size (x)
Vertical size (y)
Normal scan mode
Bi-scan mode
1TC (OSD clock cycle divided in pre-divide circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com