công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37271MF-252SP bảng dữ liệu(PDF) 55 Page - Mitsubishi Electric Semiconductor

tên linh kiện M37271MF-252SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP bảng dữ liệu(HTML) 55 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
55
Input
port
1
0
1
(4) Clock for OSD
As a clock for display to be used for OSD, it is possible to select one
of the following 3 types.
•Data slicer clock output from the data slicer (approximately 26 MHz)
•Clock from the LC oscillator supplied from the pins OSC1 and OSC2
• Clock from the ceramic resonator or the quartz-crystal oscillator
from the pins OSC1 and OSC2
This OSD clock for each block can be selected by the following bits
: bit 7 of the port P3 direction register, bits 5 and 4 of the clock source
control register (addresses 021616). A variety of character sizes can
be obtained by combining dot sizes with OSD clocks. When not us-
ing the pins OSC1 and OSC2 for the OSD clock I/O pins, the pins
can be used as sub-clock I/O pins or port P6.
Fig. 63. Block diagram of OSD selection circuit
Fig. 62. Structure of clock control register
Table 13. Setting for P63/OSC1/XCIN, P64/OSC2/XCOUT
b7 Port P3 direction
register
Clock source
control register
OSD clock
I/O pin
0
01
1
10
1
b5
b4
Sub-clock
I/O pin
0
0
0
Function
Register
Note : Be sure to set bit 7 to “0” for program of the mask and the
EPROM versions. For the emulator MCU version
(M37270ERSS), be sure to set bit 7 to “1” when using the
data slicer clock for software debugging.
70
Clock source control register
(CS : address 021616)
CC mode clock selection bit
0 : Data slicer clock
1 : OSC1 clock
OSD mode clock selection bits
b2 b1
0 0 : Data slicer clock
0 1 : OSC1 clock
1 0 :
1 1 :
Do not set
EXOSD mode clock selection bit
0 : Data slicer clock
1 : OSC1 clock
Pre-divide ratio of layer 2 selection bit
0 : !1
1 : !2
Test bit (Note)
OSD1 oscillating mode selection bits
b5 b4
0 0 : 32 kHZ oscillating mode
0 1 : Input ports P6 3, P64
1 0 : LC oscillating mode
1 1 : Ceramic · quartz-crystal
oscillating mode
“0”
“11”
“10”
“0”
“0”
32 kHZ
Data slicer
circuit
Data slicer clock
OSC1 clock
LC
Ceramic ·
quartz-crystal
Oscillating mode for OSD
CS5, CS4
“00”
“1”
“1”
“1”
CS0
CS1
CS3
CS2 = “0”
CC mode block
OSD mode block
EXOSD mode block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com