công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37271MF-252SP bảng dữ liệu(PDF) 84 Page - Mitsubishi Electric Semiconductor

tên linh kiện M37271MF-252SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP bảng dữ liệu(HTML) 84 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
84
DISPLAY OSCILLATION CIRCUIT
The OSD oscillation circuit has a built-in clock oscillation circuits, so
that a clock for OSD can be obtained simply by connecting an LC, a
ceramic resonator, or a quartz-crystal oscillator across the pins OSC1
and OSC2. Which of the sub-clock or the OSD oscillation circuit is
selected by setting bits 5 and 4 of the clock source control register
(address 021616).
ADDRESSING MODE
The memory access is reinforced with 17 kinds of addressing modes.
Refer to the SERIES 740 <Software> User’s Manual for details.
MACHINE INSTRUCTIONS
There are 71 machine instructions. Refer to the SERIES 740 <Soft-
ware > User’s Manual for details.
PROGRAMMING NOTES
(1) The divide ratio of the timer is 1/(n+1).
(2) Even though the BBC and BBS instructions are executed imme-
diately after the interrupt request bits are modified (by the pro-
gram), those instructions are only valid for the contents before
the modification. At least one instruction cycle is needed (such as
an NOP) between the modification of the interrupt request bits
and the execution of the BBC and BBS instructions.
(3) After the ADC and SBC instructions are executed (in decimal
mode), one instruction cycle (such as an NOP) is needed before
the SEC, CLC, or CLD instruction is executed.
(4) An NOP instruction is needed immediately after the execution of
a PLP instruction.
(5) In order to avoid noise and latch-up, connect a bypass capacitor
(
≈ 0.1 µF) directly between the VCC pin–VSS pin, AVCC pin–VSS
pin, and the VCC pin–CNVSS pin using a thick wire.
Fig. 97. Display oscillation circuit
AUTO-CLEAR CIRCUIT
When power source is supplied, the auto-clear function can be per-
______
formed by connecting the following circuit to the RESET pin.
Fig. 98. Auto-clear circuit example
RESET
Vss
Vcc
Circuit example 1
RESET
Vss
Vcc
Circuit example 2
Note : Make the level change from “L” to “H” at the point at
which the power source voltage exceeds the specified
voltage.
OSC2
OSC1
L
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com