| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M37271MF-252SP bảng dữ liệu(PDF) 63 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M37271MF-252SP bảng dữ liệu(HTML) 63 Page - Mitsubishi Electric Semiconductor |
|
63 / 97 page ![]() MITSUBISHI MICROCOMPUTERS M37271MF-XXXSP M37271EF-XXXSP, M37271EFSP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 63 b0 RF6 RF5 RF4 RF3 RF2 RF1 RF0 RC17 RC16 RC15 RC14 RC13 RC12 RC11 RC10 RC23 RC22 RC21 RC20 RF7 b3 b0 b7 b0 b7 Blocks 1 to16 Character code Color code 1 Color code 2 Fig. 68. Structure of OSD RAM Bit RF0 RF1 RF2 RF3 RF4 RF5 RF6 RF7 RC10 RC11 RC12 RC13 RC14 RC15 RC16 RC17 RC20 RC21 RC22 RC23 Bit name Character code (Low-order 8 bits) Character code (High-order 1 bit) Control of character color R Control of character color G Control of character color B OUT1 control Flash control Underline control Italic control Control of background color R Control of background color G Control of background color B Not used Function Specification of character code in OSD ROM 0: Color signal output OFF 1: Color signal output ON 0: Character output 1: Background output 0: Flash OFF 1: Flash ON 0: Underline OFF 1: Underline ON 0: Italic OFF 1: Italic ON 0: Color signal output OFF 1: Color signal output ON Bit name Character code (Low-order 8 bits) Character code (High-order 1 bit) Control of character color R Control of character color G Control of character color B OUT1 control Control of character color I1 Not used Control of background color R Control of background color G Control of background color B Control of background color I1 Function Specification of character code in OSD ROM 0: Color signal output OFF 1: Color signal output ON 0: Character output 1: Background output 0: Color signal output OFF 1: Color signal output ON 0: Color signal output OFF 1: Color signal output ON Bit name Character code (Low-order 8 bits) Character code (High-order 1 bit) Character color code 0 (CC0) Character color code 1 (CC1) Character color code 2 (CC2) OUT1 control Extra code 0 (EX0) Extra code 1 (EX1) Extra code 2 (EX2) Background color code 0 (BCC0) Background color code 1 (BCC1) Background color code 2 (BCC2) Extra code 3 (EX3) Function Specification of character code in OSD ROM Specification of character color 0: Character output 1: Background output Specification of extra code in OSD ROM Specification of background color Specification of extra code in OSD ROM CC mode OSD mode EXOSD mode Notes 1: Read value of bits 4 to 7 of the color code 2 is undefined. 2: For “not used” bits, the write value is read. 3: The decode value of the extra code is “EX4.” |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |