công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37271MF-252SP bảng dữ liệu(PDF) 43 Page - Mitsubishi Electric Semiconductor

tên linh kiện M37271MF-252SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP bảng dữ liệu(HTML) 43 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
43
s Bit 3: Arbitration lostV detecting flag (AL)
In the master transmission mode, when the SDA is made “L” by any
other device, arbitration is judged to have been lost, so that this bit is
set to “1.” At the same time, the TRX bit is set to “0,” so that immedi-
ately after transmission of the byte whose arbitration was lost is com-
pleted, the MST bit is set to “0.” In the case arbitration is lost during
slave address transmission, the TRX bit is set to “0” and the recep-
tion mode is set. Consequently, it becomes possible to receive and
recognize its own slave address transmitted by another master de-
vice.
VArbitration lost: The status in which communication as a master is
disabled.
s Bit 4: I2C-BUS interface interrupt request bit (PIN)
This bit generates an interrupt request signal. Each time 1-byte data
is transmitted, the state of the PIN bit changes from “1” to “0.” At the
same time, an interrupt request signal occurs to the CPU. The PIN
bit is set to “0” in synchronization with a falling of the last clock (in-
cluding the ACK clock) of an internal clock and an interrupt request
signal occurs in synchronization with a falling of the PIN bit. When
the PIN bit is “0,” the SCL is kept in the “0” state and clock generation
is disabled. Figure 45 shows an interrupt request signal generating
timing chart.
The PIN bit is set to “1” in one of the following conditions.
•Executing a write instruction to the I2C data shift register (address
00F616).
•When the ES0 bit is “0”
•At reset
The conditions in which the PIN bit is set to “0” are shown below:
•Immediately after completion of 1-byte data transmission (includ-
ing when arbitration lost is detected)
•Immediately after completion of 1-byte data reception
•In the slave reception mode, with ALS = “0” and immediately after
completion of slave address or general call address reception
•In the slave reception mode, with ALS = “1” and immediately after
completion of address data reception
s Bit 5: Bus busy flag (BB)
This bit indicates the status of use of the bus system. When this bit is
set to “0,” this bus system is not busy and a START condition can be
generated. When this bit is set to “1,” this bus system is busy and the
occurrence of a START condition is disabled by the START condi-
tion duplication prevention function (Note).
This flag can be written by software only in the master transmission
mode. In the other modes, this bit is set to “1” by detecting a START
condition and set to “0” by detecting a STOP condition. When the
ES0 bit of the I2C control register (address 00F916) is “0” and at
reset, the BB flag is kept in the “0” state.
s Bit 6: Communication mode specification bit (transfer direction
specification bit: TRX)
This bit decides a direction of transfer for data communication. When
this bit is “0,” the reception mode is selected and the data of a trans-
mitting device is received. When the bit is “1,” the transmission mode
is selected and address data and control data are output onto the
SDA in synchronization with the clock generated on the SCL.
When the ALS bit of the I2C control register (address 00F916) is “0”
in the slave reception mode is selected, the TRX bit is set to “1”
__
(transmit) if the least significant bit (R/W bit) of the address data trans-
__
mitted by the master is “1.” When the ALS bit is “0” and the R/W bit is
“0,” the TRX bit is cleared to “0” (receive).
The TRX bit is cleared to “0” in one of the following conditions.
• When arbitration lost is detected.
• When a STOP condition is detected.
• When occurence of a START condition is disabled by the START
condition duplication preventing function (Note).
• With MST = “0” and when a START condition is detected.
• With MST = “0” and when ACK non-return is detected.
• At reset
s Bit 7: Communication mode specification bit (master/slave speci-
fication bit: MST)
This bit is used for master/slave specification for data communica-
tion. When this bit is “0,” the slave is specified, so that a START
condition and a STOP condition generated by the master are re-
ceived, and data communication is performed in synchronization with
the clock generated by the master. When this bit is “1,” the master is
specified and a START condition and a STOP condition are gener-
ated, and also the clocks required for data communication are gen-
erated on the SCL.
The MST bit is cleared to “0” in one of the following conditions.
• Immediately after completion of 1-byte data transmission when ar-
bitration lost is detected
• When a STOP condition is detected.
• When occurence of a START condition is disabled by the START
condition duplication preventing function (Note).
• At reset
Note: The START condition duplication prevention function disables
the occurence of a START condition, reset of bit counter and
SCL output when the following condition is satisfied:
• a START condition is set by another master device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com