công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37271MF-252SP bảng dữ liệu(PDF) 46 Page - Mitsubishi Electric Semiconductor

tên linh kiện M37271MF-252SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP bảng dữ liệu(HTML) 46 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
46
When the first-byte address data matches the slave address, the
AAS bit of the I2C status register (address 00F816) is set to “1.” After
the second-byte address data is stored into the I2C data shift register
(address 00F616), make an address comparison between the sec-
ond-byte data and the slave address by software. When the address
data of the 2 bytes matches the slave address, set the RBW bit of the
I2C address register (address 00F716) to “1” by software. This pro-
__
cessing can match the 7-bit slave address and R/W data, which are
received after a RESTART condition is detected, with the value of
the I2C address register (address 00F716). For the data transmission
format when the 10-bit addressing format is selected, refer to Figure
49, (3) and (4).
(10) Example of Master Transmission
An example of master transmission in the standard clock mode, at
the SCL frequency of 100 kHz and in the ACK return mode is shown
below.
1 Set a slave address in the high-order 7 bits of the I2C address
register (address 00F716) and “0” in the RBW bit.
2 Set the ACK return mode and SCL = 100 kHz by setting “8516” in
the I2C clock control register (address 00FA16).
3 Set “1016” in the I2C status register (address 00F816) and hold
the SCL at the “H” level.
4 Set a communication enable status by setting “4816” in the I2C
control register (address 00F916).
5 Set the address data of the destination of transmission in the high-
order 7 bits of the I2C data shift register (address 00F616) and set
“0” in the least significant bit.
6 Set “F016” in the I2C status register (address 00F816) to generate
a START condition. At this time, an SCL for 1 byte and an ACK
clock automatically occurs.
7 Set transmit data in the I2C data shift register (address 00F616).
At this time, an SCL and an ACK clock automatically occurs.
8 When transmitting control data of more than 1 byte, repeat step
7.
9 Set “D016” in the I2C status register (address 00F816). After this,
if ACK is not returned or transmission ends, a STOP condition
occurs.
(11) Example of Slave Reception
An example of slave reception in the high-speed clock mode, at the
SCL frequency of 400 kHz, in the ACK non-return mode and using
the addressing format is shown below.
1 Set a slave address in the high-order 7 bits of the I2C address
register (address 00F716) and “0” in the RBW bit.
2 Set the no ACK clock mode and SCL = 400 kHz by setting “2516”
in the I2C clock control register (address 00FA16).
3 Set “1016” in the I2C status register (address 00F816) and hold
the SCL at the “H” level.
4 Set a communication enable status by setting “4816” in the I2C
control register (address 00F916).
5 When a START condition is received, an address comparison is
made.
6 •When all transmitted addresses are “0” (general call)
AD0 of the I2C status register (address 00F816) is set to “1” and
an interrupt request signal occurs.
•When the transmitted addresses match the address set in 1
ASS of the I2C status register (address 00F816) is set to “1” and
an interrupt request signal occurs.
•In the cases other than the above
AD0 and AAS of the I2C status register (address 00F816) are
set to “0” and no interrupt request signal occurs.
7 Set dummy data in the I2C data shift register (address 00F616).
8 When receiving control data of more than 1 byte, repeat step 7.
9 When a STOP condition is detected, the communication ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com