công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37271MF-252SP bảng dữ liệu(PDF) 5 Page - Mitsubishi Electric Semiconductor

tên linh kiện M37271MF-252SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP bảng dữ liệu(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M37271MF-252SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
5
5 V ± 10 %
165 mW typ. (at oscillation frequency fCPU = 8 MHz, fOSD = 13 MHz)
82.5 mW typ. (at oscillation frequency fCPU = 8 MHz)
0.33mW typ. (at oscillation frequency fCLK = 32 kHz, f(XIN) = stopped)
0.055 mW (maximum)
–10 °C to 70 °C
CMOS silicon gate process
52-pin shrink plastic molded DIP
Number of display characters
Dot structure
Kinds of characters
Kinds of character sizes
Kinds of character colors
Display position (horizontal, vertical)
FUNCTIONS (continued)
OSD function
Power source voltage
Power dissipation
40 characters ! 16 lines
CC mode: 16 ! 26 dots (character part : 16 ! 20 dots)
OSD mode: 16 ! 20 dots
EXOSD mode: 16 ! 26 dots
320 kinds
(In EXOSDmode, they can be combined with 32 kinds of extra fonts)
CC mode: 2 kinds
OSD mode: 14 kinds
EXOSD mode: 6 kinds
CC mode: 7 kinds (R, G, B)
OSD mode: 15 kinds (R, G, B, I1)
EXOSD mode: 7 kinds (R, G, B, I1, I2)
256 levels (horizontal) ! 1024 levels (vertical)
Data slicer ON
Data slicer OFF
Data slicer OFF
In high-speed
mode
In low-speed
mode
In stop mode
OSD ON
OSD OFF
OSD OFF
Operating temperature range
Device structure
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com