công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37271MF-252SP bảng dữ liệu(PDF) 51 Page - Mitsubishi Electric Semiconductor

tên linh kiện M37271MF-252SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP bảng dữ liệu(HTML) 51 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
51
OSD mode
Same as layer 1
Same as layer 1 (Note)
Pre-divide ratio = 1
Pre-divide ratio = 2
1TC ! 1/2H
1TC ! 1/2H, 1.5TC ! 1/2H
1TC ! 1H
1TC ! 1H, 1.5TC ! 1H
Same position as layer 1
(1) Dual Layer OSD
M37271MF-XXXSP has 2 layers; layer 1 and layer 2. These layers
display the OSD for controlling TV and the closed caption display at
the same time and overlayed on each other.
Each block can be assigned to either layer by bits 6 and 5 of the
block control register (refer to Figure 53). For example, only when
both bits 5 and 6 are “1,” the block is assigned to layer 2. Other bit
combinations assign the block to layer 1.
When a block of layer 1 is overlapped with that of layer 2, a screen is
combined (refer to Figure 55) by bits 7 and 6 of the OSD control
register (refer to Figure 52).
Note: When using the dual layer OSD, note Table 12.
Fig. 54. Image of dual layer OSD
CC mode
Data slicer clock or OSC1
! 1 or ! 2 (all blocks)
1TC ! 1/2H
Arbitrary
Display mode
OSD Clock source
Pre-divide ratio
Dot size
Horizontal display start position
Table 12. Conditions of dual layer
Note: For the pre-divide ratio of the layer 2, select the same as the layer 1’s ratio by bit 6 of the clock control register.
Block in layer 1
Block in layer 2
Fig. 55. Display example of dual layer OSD
Layer 2
Layer 1
Block 1
Block 2
Block 11
Block 12
Block 13
Block 14
Block 15
Block 16
Block
Block
Display example of layer 1 = “HELLO,” layer 2 = “CH5”
CH5
HELLO
Logical sum (OR) of
layer 1’s color and
layer 2’s color
Bit 7 = “0,” bit 6 = “0”
Layer 1’s color has priority
Bit 7 = “0”, bit 6 = “1”
CH5
HELLO
Layer 2’s color has priority
Bit 7 = “1,” bit 6 = “0”
HELLO
CH5
Block
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com