công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37271MF-252SP bảng dữ liệu(PDF) 26 Page - Mitsubishi Electric Semiconductor

tên linh kiện M37271MF-252SP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-252SP bảng dữ liệu(HTML) 26 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-252SP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37271MF-252SP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
26
A-D control register
(ADCON: address 00EF16)
A-D conversion completion bit
0 : Conversion in purogress
1 : Conversion completed
Analog input pin selection bits
b1 b0
0 0 : P26/AD1
0 1 : P25/AD2
1 0 : P24/AD3
1 1 : P40/AD4
VCC connection selection bit
0 : OFF
1 : ON
Fix this bit to “0.”
0
70
A-D CONVERTER
(1)A-D Conversion Register (AD)
A-D conversion reigister is a read-only register that stores the result
of an A-D conversion. This register should not be read during A-D
conversion.
(2)A-D Control Register (ADCON)
The A-D control register controls A-D conversion. Bits 1 and 0 of this
register select analog input pins. When these pins are not used as
anlog input pins, they are used as ordinary I/O pins. Bit 3 is the A-D
conversion completion bit, A-D conversion is started by writing “0” to
this bit. The value of this bit remains at “0” during an A-D conversion,
then changes to “1” when the A-D conversion is completed.
Bit 4 controls connection between the resistor ladder and VCC. When
not using the A-D converter, the resistor ladder can be cut off from
the internal VCC by setting this bit to “0.” This can realize the low-
power dissipation.
(3)Comparison Voltage Generator (Resistor
Ladder)
The voltage generator divides the voltage between VSS and VCC by
256, and outputs the divided voltages to the comparator as the refer-
ence voltage Vref.
(4)Channel Selector
The channel selector connects an analog input pin selected by bits 1
and 0 of the A-D control register to the comparator.
(5)Comparator and Control Circuit
The conversion result of the analog input voltage and the reference
voltage “Vref” is stored in the A-D conversion register. The A-D con-
version completion bit and A-D conversion interrupt request bit are
set to “1” at the completion of A-D conversion.
Fig. 19. A-D comparator block diagram
Fig. 18. Structure of A-D control register
A-D control register
(address 00EF16)
A-D control circuit
Data bus
Switch tree
A-D conversion
interrupt request
Resistor ladder
Compa-
rator
A-D conversion register
P26/AD1
P25/AD2
P24/AD3
P40/AD4
(address 00EE16)
b7
b0
2
8
VSS VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com