| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M37271MF-252SP bảng dữ liệu(PDF) 59 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M37271MF-252SP bảng dữ liệu(HTML) 59 Page - Mitsubishi Electric Semiconductor |
|
59 / 97 page ![]() MITSUBISHI MICROCOMPUTERS M37271MF-XXXSP M37271EF-XXXSP, M37271EFSP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 59 Character code specification 080016 080116 : 081716 081816 : 082616 082716 088016 088116 : 089716 0E9816 : 08A616 08A716 090016 090116 : 091716 091816 : 092616 092716 098016 098116 : 099716 099816 : 09A616 09A716 0A0016 0A0116 : 0A1716 0A1816 : 0A2616 0A2716 Color code 2 specification 082816 082916 : 083F16 086816 : 087616 087716 08A816 08A916 : 08BF16 08E816 : 08F616 08F716 092816 092916 : 093F16 096816 : 097616 097716 09A816 09A916 : 09BF16 09E816 : 09F616 09F716 0A2816 0A2916 : 0A3F16 0A6816 : 0A7616 0A7716 Display position (from left) 1st character 2nd character : 24th character 25th character : 39th character 40th character 1st character 2nd character : 24th character 25th character : 39th character 40th character 1st character 2nd character : 24th character 25th character : 39th character 40th character 1st character 2nd character : 24th character 25th character : 39th character 40th character 1st character 2nd character : 24th character 25th character : 39th character 40th character Block Block 1 Block 2 Block 3 Block 4 Block 5 Table 14. Contents of OSD RAM 2 2 2 2 2 RAM for OSD (addresses 080016 to 0FFF16) The RAM for OSD is allocated at addresses 080016 to 0FFF16, and is divided into a display character code specification part, color code 1 specification part, and color code 2 specification part for each block. Table 14 shows the contents of the RAM for OSD. For example, to display 1 character position (the left edge) in block 1, write the character code in address 080016, write the color code 1 at 084016, and write the color code 2 at 082816. The structure of the RAM for OSD is shown in Figure 68. Note: For the OSD mode block with dot size of 1.5TC ! 1/2H and 1.5TC ! 1H, the 3nth (n = 1 to 13) character is skipped as compared with ordinary blockV. Accordingly, maximum 26 char- acters are only displayed in 1 block. The RAM data for the 3nth character does not effect the display. Any character data can be stored here (refer to Figure 67). V Blocks with dot size of 1TC ! 1/2H and 1TC ! 1H, or blocks on the layer 1 Color code 1 specification 084016 084116 : 085716 085816 : 086616 086716 08C016 08C116 : 08D716 08D816 : 08E616 08E716 094016 094116 : 095716 095816 : 096616 096716 09C016 09C116 : 09D716 08D816 : 09E616 09E716 0A4016 0A4116 : 0A5716 0A5816 : 0A6616 0A6716 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |