| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4088 bảng dữ liệu(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 bảng dữ liệu(HTML) 48 Page - STMicroelectronics |
|
48 / 71 page ![]() Firmware migration using the library AN4088 48/71 DocID023072 Rev 3 GPIO_InitStructure.GPIO_Speed = GPIO_Speed_50MHz; GPIO_InitStructure.GPIO_OType = GPIO_OType_PP; GPIO_InitStructure.GPIO_PuPd = GPIO_PuPd_UP; GPIO_Init(GPIOA, &GPIO_InitStructure); 4.6 EXTI Line0 The example below shows how to configure the PA0 pin to be used as EXTI Line0 in STM32F1 series: /* Enable APB interface clock for GPIOA and AFIO */ RCC_APB2PeriphClockCmd(RCC_APB2Periph_GPIOA | RCC_APB2Periph_AFIO, ENABLE); /* Configure PA0 pin in input mode */ GPIO_InitStructure.GPIO_Pin = GPIO_Pin_0; GPIO_InitStructure.GPIO_Mode = GPIO_Mode_IN_FLOATING; GPIO_Init(GPIOA, &GPIO_InitStructure); /* Connect EXTI Line0 to PA0 pin */ GPIO_EXTILineConfig(GPIO_PortSourceGPIOA, GPIO_PinSource0); /* Configure EXTI line0 */ EXTI_InitStructure.EXTI_Line = EXTI_Line0; EXTI_InitStructure.EXTI_Mode = EXTI_Mode_Interrupt; EXTI_InitStructure.EXTI_Trigger = EXTI_Trigger_Falling; EXTI_InitStructure.EXTI_LineCmd = ENABLE; EXTI_Init(&EXTI_InitStructure); In STM32F0 series, the configuration of the EXTI line source pin is performed in the SYSCFG peripheral (instead of AFIO in STM32F1 series). As a result, the source code should be updated as follows: /* Enable GPIOA's AHB interface clock */ RCC_AHBPeriphClockCmd(RCC_AHBPeriph_GPIOA, ENABLE); /* Enable SYSCFG's APB interface clock */ RCC_APB2PeriphClockCmd(RCC_APB2Periph_SYSCFG, ENABLE); /* Configure PA0 pin in input mode */ GPIO_InitStructure.GPIO_Pin = GPIO_Pin_0; GPIO_InitStructure.GPIO_Mode = GPIO_Mode_IN; GPIO_InitStructure.GPIO_PuPd = GPIO_PuPd_NOPULL; GPIO_Init(GPIOA, &GPIO_InitStructure); /* Connect EXTI Line0 to PA0 pin */ SYSCFG_EXTILineConfig(EXTI_PortSourceGPIOA, EXTI_PinSource0); |